Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7368 Datasheet(PDF) 35 Page - Infineon Technologies AG

Part # TLE7368
Description  Next Generation Micro Controller Supply
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7368 Datasheet(HTML) 35 Page - Infineon Technologies AG

Back Button TLE7368 Datasheet HTML 31Page - Infineon Technologies AG TLE7368 Datasheet HTML 32Page - Infineon Technologies AG TLE7368 Datasheet HTML 33Page - Infineon Technologies AG TLE7368 Datasheet HTML 34Page - Infineon Technologies AG TLE7368 Datasheet HTML 35Page - Infineon Technologies AG TLE7368 Datasheet HTML 36Page - Infineon Technologies AG TLE7368 Datasheet HTML 37Page - Infineon Technologies AG TLE7368 Datasheet HTML 38Page - Infineon Technologies AG TLE7368 Datasheet HTML 39Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
Data Sheet
35
Rev. 1.1, 2007-11-08
TLE7368
Application Information
6.4
Setting up the Stand-by Regulator
The stand by regulator provides an output current up to 30 mA sourced via linear regulation directly from Battery
even when the main regulator is disabled. This low quiescent current regulator is commonly used as supply for
stand by memory. The output voltage can be selected as 1.0 V or 2.6 V. For stability of the regulation loop the
output Q_STBY should be connected via a ceramic capacitor (470 nF to 2
µF) to GND.
6.4.1
Stand-by Regulator’s Output Voltage Configuration
The stand by regulator provides an output voltage of nominal 1.0 V or 2.6 V which is associated with an
appropriate stand-by monitoring threshold. The output voltage level is selected by the SEL_STBY configuration.
Connecting SEL_STBY to GND results in a voltage level of 2.6 V at Q_STBY, while connecting SEL_STBY with
Q_STBY leads to 1.0 V configuration. An integrated pull-up current ensures that the system will turn in the lower
stand-by voltage mode in case of open mode at the SEL_STBY pin. However the SEL_STBY pin should be
connected either to Q_STBY or to GND in order to select the appropriate Q_STBY voltage level. Intermediate
voltage levels at SEL_STBY should be avoided.
Table 2
Stand-by Regulator’s Output Voltage Configuration
No.
SEL_STBY
Q_STBY
1
GND
2.6 V
2
Q_STBY
1.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com