Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7368 Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE7368
Description  Next Generation Micro Controller Supply
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7368 Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE7368 Datasheet HTML 16Page - Infineon Technologies AG TLE7368 Datasheet HTML 17Page - Infineon Technologies AG TLE7368 Datasheet HTML 18Page - Infineon Technologies AG TLE7368 Datasheet HTML 19Page - Infineon Technologies AG TLE7368 Datasheet HTML 20Page - Infineon Technologies AG TLE7368 Datasheet HTML 21Page - Infineon Technologies AG TLE7368 Datasheet HTML 22Page - Infineon Technologies AG TLE7368 Datasheet HTML 23Page - Infineon Technologies AG TLE7368 Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
TLE7368
General Product Characteristics
Data Sheet
20
Rev. 1.1, 2007-11-08
Monitoring Block
4.4.115
MON_STBY,
Threshold on Q_STBY
V
MON, Q_STBY,
de
0.90
–
–
V
IN_STBY = 3.0 V;
SEL_STBY = Q_STBY;
V
Q_STBY decreasing;
4.4.115a MON_STBY headroom
V
MON, Q_STBY,
head
10
–
–
mV
V
IN_STBY = 3.0 V;
SEL_STBY = Q_STBY;
V
Q_STBY decreasing;
4.4.116
MON_STBY hysteresis
V
MON_STBY,
hyst
10
–
30
mV
SEL_STBY = Q_STBY
4.4.117
MON_STBY,
Threshold on Q_STBY
V
MON, Q_STBY,
de
2.36
–
2.50
V
V
IN_STBY = 3.0 V;
SEL_STBY = GND;
V
Q_STBY decreasing;
4.4.118
MON_STBY hysteresis
V
MON_STBY,
hyst
20
–
50
mV
SEL_STBY = GND
4.4.119
MON_STBY,
Monitoring output low
voltage
V
MON_ STBY,
low
––
0.4
V
I
MON_STBY1 < 10 mA;
V
IN_STBY > 3.0 V
4.4.120
MON_STBY time delay
t
MON_ STBY
–8
–
t
RD,
RO_1
see diagram in section
“Monitoring Circuit” on
Page 28
4.4.121
Monitor reaction time
t
RR, MON_STBY 3–
6
µs–
Electrical Characteristics (cont’d)
V
IN = VIN_STBY = 13.5 V, Tj = -40 °C to +150 °C,
V
CCP = 9.0 V; SEL_STBY = Q_STBY; all voltages with respect to ground.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com