Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7368 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE7368
Description  Next Generation Micro Controller Supply
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7368 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE7368 Datasheet HTML 14Page - Infineon Technologies AG TLE7368 Datasheet HTML 15Page - Infineon Technologies AG TLE7368 Datasheet HTML 16Page - Infineon Technologies AG TLE7368 Datasheet HTML 17Page - Infineon Technologies AG TLE7368 Datasheet HTML 18Page - Infineon Technologies AG TLE7368 Datasheet HTML 19Page - Infineon Technologies AG TLE7368 Datasheet HTML 20Page - Infineon Technologies AG TLE7368 Datasheet HTML 21Page - Infineon Technologies AG TLE7368 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
TLE7368
General Product Characteristics
Data Sheet
18
Rev. 1.1, 2007-11-08
4.4.82
RO_1, Reset output low
voltage
V
RO_1, low
–
–
0.25
V
V
IN_STBY = 3.0 V;
V
Q_LDO1 = 2.5V;
I
RO_1 = -500 µA;
4.4.83
RO_1, Reset output
leakage
I
RO_1, high
-1
–
1
µA
V
RO_1 = 5.0 V
4.4.84
Reset delay time base
T
cycle
41.6
50
62.5
µs
C
RT = 1 nF
4.4.85
Reset timing capacitor
range
C
RT
0.33
1.0
4.7
nF
–
4.4.86
Reset delay time RO_1
t
RD, RO_1
–
160
–
T
cycle
–
4.4.87
Undervoltage Reset
reaction time
t
UVRR, RO_1
2–
10
µs
Voltage step at Q_LDO1 from
5.00 V to 4.48 V
4.4.88
Overvoltage Reset
reaction time
t
OVRR, RO_1
20
–
80
µs
Buck converter operating;
Voltage step at Q_LDO1 from
5.00 V to 5.67 V
Reset Generator RO_2 Monitoring Q_LDO2 and FB_EXT
4.4.89
Undervoltage Reset
threshold on Q_LDO2
V
URT Q_LDO2,
de
3.135
–
3.230
V
SEL_LDO2 = Q_LDO2;
V
Q_LDO2 decreasing;
V
IN_LDO2 = open
4.4.90
Undervoltage Reset
headroom on Q_LDO2
V
URT Q_LDO2,
head
55
117.5
–
mV
SEL_LDO2 = Q_LDO2;
V
URT Q_LDO2, head
=
V
Q_LDO2 - VURT Q_LDO2, de;
V
Q_LDO2 @ IQ_LDO2 = 500 mA
4.4.91
Undervoltage Reset
hysteresis Q_LDO2
V
URO_2, hyst
15
–
55
mV
SEL_LDO2 = Q_LDO2;
V
URO_2, hyst
=
V
URT Q_LDO2, in - VURT Q_LDO2, de
4.4.92
Overvoltage Reset
threshold on Q_LDO2
V
ORT Q_LDO2,
in
3.70
–
3.85
V
SEL_LDO2 = Q_LDO2;
V
Q_LDO2 increasing
4.4.93
Overvoltage Reset
threshold on Q_LDO2
V
ORT Q_LDO2,
de
3.55
–
3.80
V
SEL_LDO2 = Q_LDO2;
V
Q_LDO2 decreasing
4.4.94
Overvoltage Reset
hysteresis
V
ORO_2, hyst
50
–
200
mV
SEL_LDO2 = Q_LDO2;
4.4.95
Undervoltage Reset
threshold on Q_LDO2
V
URT Q_LDO2,
de
2.485
–
2.560
V
SEL_LDO2 = GND;
V
Q_LDO2 decreasing;
V
IN_LDO2 = open
4.4.96
Undervoltage Reset
headroom on Q_LDO2
V
URT Q_LDO2,
head
47
–
–
mV
SEL_LDO2 = GND;
V
URT Q_LDO2, head
=
V
Q_LDO2 - VURT Q_LDO2, de;
V
Q_LDO2 @ IQ_LDO2 = 500 mA
4.4.97
Undervoltage Reset
hysteresis Q_LDO2
V
URO_2, hyst
15
–
60
mV
SEL_LDO2 = GND;
V
URO_2, hyst
=
V
URT Q_LDO2, in - VURT Q_LDO2, de
Electrical Characteristics (cont’d)
V
IN = VIN_STBY = 13.5 V, Tj = -40 °C to +150 °C,
V
CCP = 9.0 V; SEL_STBY = Q_STBY; all voltages with respect to ground.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com