Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7368 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE7368
Description  Next Generation Micro Controller Supply
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7368 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE7368 Datasheet HTML 8Page - Infineon Technologies AG TLE7368 Datasheet HTML 9Page - Infineon Technologies AG TLE7368 Datasheet HTML 10Page - Infineon Technologies AG TLE7368 Datasheet HTML 11Page - Infineon Technologies AG TLE7368 Datasheet HTML 12Page - Infineon Technologies AG TLE7368 Datasheet HTML 13Page - Infineon Technologies AG TLE7368 Datasheet HTML 14Page - Infineon Technologies AG TLE7368 Datasheet HTML 15Page - Infineon Technologies AG TLE7368 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
TLE7368
General Product Characteristics
Data Sheet
12
Rev. 1.1, 2007-11-08
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
4.2
Functional Range
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
4.3
Thermal Resistance
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
4.2.1
Stand-by input voltage
V
IN_STBY
3.0
45
V
1)
1) At minimum battery voltage regulators with higher nominal output voltage will not be able to provide the full output voltage.
Their outputs follow the battery with certain drop.
4.2.2
Buck input voltage
V
IN
4.5
45
V
1)
4.2.3
Peak to peak ripple voltage at
FB/L_IN
V
FB/L_IN
0
150
mVpp –
4.2.4
Junction temperature
T
j
-40
150
°C–
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
P-DSO-36-12
4.3.1
Junction to ambient
R
thJA
–
49
–
K/W
Footprint only1)
1) Worst case regarding peak temperature; zero airflow; mounted on FR4; 80
× 80 × 1.5 mm3; 35µ Cu; 5µ Sn
4.3.2
Junction to ambient
R
thJA
–
39
–
K/W
Heat sink area
300mm2 1)
4.3.3
Junction to ambient
R
thJA
–
32
–
K/W
Heat sink area
600mm2 1)
4.3.4
Junction to case
R
thJC
–4.4
–K/W
–
PG-DSO-36-24
4.3.5
Junction to ambient
R
thJA
–
54
–
K/W
Footprint only1)
4.3.6
Junction to ambient
R
thJA
–
42
–
K/W
Heat sink area
300mm2 1)
4.3.7
Junction to ambient
R
thJA
–
35
–
K/W
Heat sink area
600mm2 1)
4.3.8
Junction to case
R
thJC
–5.6
–K/W
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com