Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7368 Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE7368
Description  Next Generation Micro Controller Supply
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7368 Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE7368 Datasheet HTML 21Page - Infineon Technologies AG TLE7368 Datasheet HTML 22Page - Infineon Technologies AG TLE7368 Datasheet HTML 23Page - Infineon Technologies AG TLE7368 Datasheet HTML 24Page - Infineon Technologies AG TLE7368 Datasheet HTML 25Page - Infineon Technologies AG TLE7368 Datasheet HTML 26Page - Infineon Technologies AG TLE7368 Datasheet HTML 27Page - Infineon Technologies AG TLE7368 Datasheet HTML 28Page - Infineon Technologies AG TLE7368 Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
Data Sheet
25
Rev. 1.1, 2007-11-08
TLE7368
Detailed Internal Circuits Description
5.4
Power Up and Power Down Sequencing
In a supply system with multiple outputs the sequence of enabling the individual regulators is important. Especially
32-bit microcontrollers require a defined power up and power down sequencing. Figure 4 shows the details for
the power up and power down sequence of the TLE7368.
At power up, the first circuit block to be enabled is the charge pump as it is mandatory for the other circuits to
operate. With the charge pump reaching its nominal value, the Buck converter starts to power up its output. Also
the output voltage the linear regulators are enabled. The three linear regulators power up simultaneously. The 5 V
regulator acts as the master, the 3.3 V/2.6 V regulator and the 1.5 V regulator follow. As the 5 V regulator powers
up also the tracking regulators follow. The ramp if the increasing output voltage of each line is determined by the
connected output capacitance, the load current and the current limit of the regulator under consideration. In
addition an integrated supervision circuit ensures the following two conditions during power-up:
-0.3 V < (
V
Q_LDO1 - VQ_LDO2) < 3.1 V and
(1)
-0.3 V < (
V
Q_LDO2 - VFB_EXT)
(2)
The power down sequence is practically vice versa to the start up procedure. With the battery decreasing to zero
the charge pump and Buck regulator will stop to operate at the minimum battery threshold, the Buck output voltage
will fall down and so will the outputs of the linear regulators.
In the event where the device is disabled, EN_IGN = low and EN_uC = low, the charge pump, the Buck converter
and the linear regulators are disabled immediately.
The linear regulators’ outputs are not discharged actively in any case of power down. Diode circuitry (i.e. Schottky
diodes) might be necessary to avoid violation of certain microcontrollers’ sequencing requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com