Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7368 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE7368
Description  Next Generation Micro Controller Supply
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7368 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE7368 Datasheet HTML 7Page - Infineon Technologies AG TLE7368 Datasheet HTML 8Page - Infineon Technologies AG TLE7368 Datasheet HTML 9Page - Infineon Technologies AG TLE7368 Datasheet HTML 10Page - Infineon Technologies AG TLE7368 Datasheet HTML 11Page - Infineon Technologies AG TLE7368 Datasheet HTML 12Page - Infineon Technologies AG TLE7368 Datasheet HTML 13Page - Infineon Technologies AG TLE7368 Datasheet HTML 14Page - Infineon Technologies AG TLE7368 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Data Sheet
11
Rev. 1.1, 2007-11-08
TLE7368
General Product Characteristics
Feedback and Post-Regulators Input FB/L_IN
4.1.52
Voltage
V
FB/L_IN
V
Q_LDO1 - 0.3
18
V
–
4.1.53
Voltage
V
FB/L_IN
-0.3
18
V
–
4.1.54
Current
I
FB/L_IN
–
–
A
Limited internally
Linear Regulator 2 Input IN_LDO2
4.1.55
Voltage
V
IN_LDO2
V
Q_LDO2 - 0.3
18
V
–
4.1.56
Voltage
V
IN_LDO2
-0.3
18
V
–
4.1.57
Current
I
IN_LDO2
–
–
A
Limited internally
Bootstrap Supply BST
4.1.58
Voltage
V
BST
V
SW - 0.3
V
SW + 5.5
V
–
4.1.59
Voltage
V
BST
-0.3
51
V
–
4.1.60
Current
I
BST
–
–
A
Limited internally
Buck Power Stage SW
4.1.61
Voltage
V
SW
-2
V
IN + 0.3
V
–
4.1.62
Voltage
V
SW
-2
45
V
–
4.1.63
Current
I
SW
–
–
A
Limited internally
Stand-by Regulator Output Q_STBY
4.1.64
Voltage
V
Q_STBY
-0.3
5.5
V
–
4.1.65
Voltage
V
Q_STBY
-0.3
6.2
V
t < 10 s2)
4.1.66
Current
I
Q_STBY
–
–
A
Limited internally
Monitoring Output MON_STBY
4.1.67
Voltage
V
MON_STBY
-0.3
5.5
V
–
4.1.68
Voltage
V
MON_STBY
-0.3
6.2
V
t < 10 s2)
4.1.69
Current
I
MON_STBY
–
–
A
Limited internally
Temperatures
4.1.70
Junction Temperature
T
j
-40
150
°C–
4.1.71
Storage Temperature
T
stg
-50
150
°C–
ESD-Protection (Human Body Model)
4.1.72
Electrostatic discharge
voltage
V
ESD
-2
2
kV
Human Body Model
(HBM)3)
ESD-Protection (Charged Device Model)
4.1.73
Electrostatic discharge
voltage to GND
V
ESD
-500
500
V
Charged Device
Model (CDM)4)
4.1.74
Electrostatic discharge
voltage, corner pins to GND
V
ESD
-750
750
V
Charged Device
Model (CDM)4)
1) Not subject to production test, specified by design.
2) Exposure to those absolute maximum ratings for extended periods of time (
t > 10 s) may affect device reliability.
3) According to JEDEC standard EIA/JESD22-A114-B (1.5 k
Ω, 100 pF)
4) According to EIA/JESD22-C101 or ESDA STM5.3.1
Absolute Maximum Ratings (cont’d)1)
T
j = -40 °C to +150 °C; all voltages with respect to ground.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com