Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega162 Datasheet(PDF) 70 Page - ATMEL Corporation

Part # ATmega162
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162 Datasheet(HTML) 70 Page - ATMEL Corporation

Back Button ATmega162 Datasheet HTML 66Page - ATMEL Corporation ATmega162 Datasheet HTML 67Page - ATMEL Corporation ATmega162 Datasheet HTML 68Page - ATMEL Corporation ATmega162 Datasheet HTML 69Page - ATMEL Corporation ATmega162 Datasheet HTML 70Page - ATMEL Corporation ATmega162 Datasheet HTML 71Page - ATMEL Corporation ATmega162 Datasheet HTML 72Page - ATMEL Corporation ATmega162 Datasheet HTML 73Page - ATMEL Corporation ATmega162 Datasheet HTML 74Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 324 page
background image
70
2513K–AVR–07/09
ATmega162/V
Special Function IO
Register – SFIOR
• Bit 2 – PUD: Pull-up Disable
When this bit is written to one, the pull-ups in the I/O ports are disabled even if the DDxn and
PORTxn Registers are configured to enable the pull-ups ({DDxn, PORTxn} = 0b01). See “Con-
figuring the Pin” on page 64 for more details about this feature.
Alternate Functions of
Port A
Port A has an alternate function as the address low byte and data lines for the External Memory
Interface and as Pin Change Interrupt.
Table 30 and Table 31 relate the alternate functions of Port A to the overriding signals shown in
Figure 32 on page 68.
Bit
7
6
5
4
3
2
1
0
TSM
XMBK
XMM2
XMM1
XMM0
PUD
PSR2
PSR310
SFIOR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 29. Port A Pins Alternate Functions
Port Pin
Alternate Function
PA7
AD7 (External memory interface address and data bit 7)
PCINT7 (Pin Change INTerrupt 7)
PA6
AD6 (External memory interface address and data bit 6)
PCINT6 (Pin Change INTerrupt 6)
PA5
AD5 (External memory interface address and data bit 5)
PCINT5 (Pin Change INTerrupt 5)
PA4
AD4 (External memory interface address and data bit 4)
PCINT4 (Pin Change INTerrupt 4)
PA3
AD3 (External memory interface address and data bit 3)
PCINT3 (Pin Change INTerrupt 3)
PA2
AD2 (External memory interface address and data bit 2)
PCINT2 (Pin Change INTerrupt 2)
PA1
AD1 (External memory interface address and data bit 1)
PCINT1 (Pin Change INTerrupt 1)
PA0
AD0 (External memory interface address and data bit 0)
PCINT0 (Pin Change INTerrupt 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com