Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega162 Datasheet(PDF) 33 Page - ATMEL Corporation

Part # ATmega162
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162 Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button ATmega162 Datasheet HTML 29Page - ATMEL Corporation ATmega162 Datasheet HTML 30Page - ATMEL Corporation ATmega162 Datasheet HTML 31Page - ATMEL Corporation ATmega162 Datasheet HTML 32Page - ATMEL Corporation ATmega162 Datasheet HTML 33Page - ATMEL Corporation ATmega162 Datasheet HTML 34Page - ATMEL Corporation ATmega162 Datasheet HTML 35Page - ATMEL Corporation ATmega162 Datasheet HTML 36Page - ATMEL Corporation ATmega162 Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 324 page
background image
33
2513K–AVR–07/09
ATmega162/V
When the device is set in ATmega161 compatibility mode, the internal address space is 1,120
bytes. This implies that the first 1,120 bytes of the external memory can be accessed at
addresses 0x8000 to 0x845F. To the Application software, the external 32 KB memory will
appear as one linear 32 KB address space from 0x0460 to 0x845F.
Figure 17. Address Map with 32 KB External Memory
0x0000
0x04FF
0xFFFF
0x0500
0x7FFF
0x8000
0x84FF
0x8500
0x0000
0x04FF
0x0500
0x7FFF
Memory Configuration A
Memory Configuration B
Internal Memory
(Unused)
AVR Memory Map
External 32K SRAM
External
Memory
0x0000
0x045F
0xFFFF
0x0460
0x7FFF
0x8000
0x845F
0x8460
0x0000
0x045F
0x0460
0x7FFF
Internal Memory
(Unused)
AVR Memory Map
External 32K SRAM
External
Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com