Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega162 Datasheet(PDF) 77 Page - ATMEL Corporation

Part # ATmega162
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162 Datasheet(HTML) 77 Page - ATMEL Corporation

Back Button ATmega162 Datasheet HTML 73Page - ATMEL Corporation ATmega162 Datasheet HTML 74Page - ATMEL Corporation ATmega162 Datasheet HTML 75Page - ATMEL Corporation ATmega162 Datasheet HTML 76Page - ATMEL Corporation ATmega162 Datasheet HTML 77Page - ATMEL Corporation ATmega162 Datasheet HTML 78Page - ATMEL Corporation ATmega162 Datasheet HTML 79Page - ATMEL Corporation ATmega162 Datasheet HTML 80Page - ATMEL Corporation ATmega162 Datasheet HTML 81Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 324 page
background image
77
2513K–AVR–07/09
ATmega162/V
Notes:
1. PCINTn is Pin Change Interrupt Enable bit n.
2. PCINTn is Pin Change Interrupt input n.
Notes:
1. PCINTn is Pin Change Interrupt Enable bit n.
2. PCINTn is Pin Change Interrupt input n.
Table 36. Overriding Signals for Alternate Functions in PC7..PC4
Signal Name
PC7/A15/TDI
/PCINT15
PC6/A14/TDO
/PCINT14
PC5/A13/TMS
/PCINT13
PC4/A12/TCK
/PCINT12
PUOE
(XMM < 1) •
SRE + JTAGEN
(XMM < 2) •
SRE +JTAGEN
(XMM < 3) •
SRE + JTAGEN
(XMM < 4) •
SRE + JTAGEN
PUOV
JTAGEN
JTAGEN
JTAGEN
JTAGEN
DDOE
SRE • (XMM<1)
+ JTAGEN
SRE • (XMM<2)
+ JTAGEN
SRE • (XMM<3)
+ JTAGEN
SRE • (XMM<4)
+ JTAGEN
DDOV
JTAGEN
JTAGEN +
JTAGEN •
(SHIFT_IR |
SHIFT_DR)
JTAGEN
JTAGEN
PVOE
SRE • (XMM<1)
SRE • (XMM<2)
+ JTAGEN
SRE • (XMM<3)
SRE • (XMM<4)
PVOV
A15
if (JTAGEN) then
TDO
else
A14
A13
A12
DIEOE(1)
JTAGEN |
PCIE1 •
PCINT15
JTAGEN | PCIE1
• PCINT14
JTAGEN |
PCIE1 •
PCINT13
JTAGEN |
PCIE1 •
PCINT12
DIEOV
JTAGEN
JTAGEN
JTAGEN
JTAGEN
DI(2)
PCINT15
PCINT14
PCINT13
PCINT12
AIO
TDI
–
TMS
TCK
Table 37. Overriding Signals for Alternate Functions in PC3..PC0
Signal Name
PC3/A11/
PCINT11
PC2/A10/
PCINT10
PC1/A9/PCINT9
PC0/A8/PCINT8
PUOE
SRE • (XMM<5)
SRE • (XMM<6)
SRE • (XMM<7)
SRE • (XMM<7)
PUOV
0
000
DDOE
SRE • (XMM<5)
SRE • (XMM<6)
SRE • (XMM<7)
SRE • (XMM<7)
DDOV
1
1
1
1
PVOE
SRE • (XMM<5)
SRE • (XMM<6)
SRE • (XMM<7)
SRE • (XMM<7)
PVOV
A11
A10
A9
A8
DIEOE(1)
PCIE1 •
PCINT11
PCIE1 •
PCINT10
PCIE1 • PCINT9
PCIE1 • PCINT8
DIEOV
1
111
DI(2)
PCINT11
PCINT10
PCINT9
PCINT8
AIO
–
–––



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com