Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega162 Datasheet(PDF) 81 Page - ATMEL Corporation

Part # ATmega162
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162 Datasheet(HTML) 81 Page - ATMEL Corporation

Back Button ATmega162 Datasheet HTML 77Page - ATMEL Corporation ATmega162 Datasheet HTML 78Page - ATMEL Corporation ATmega162 Datasheet HTML 79Page - ATMEL Corporation ATmega162 Datasheet HTML 80Page - ATMEL Corporation ATmega162 Datasheet HTML 81Page - ATMEL Corporation ATmega162 Datasheet HTML 82Page - ATMEL Corporation ATmega162 Datasheet HTML 83Page - ATMEL Corporation ATmega162 Datasheet HTML 84Page - ATMEL Corporation ATmega162 Datasheet HTML 85Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 324 page
background image
81
2513K–AVR–07/09
ATmega162/V
Alternate Functions of
Port E
The Port E pins with alternate functions are shown in Table 41.
The alternate pin configuration is as follows:
• OC1B – Port E, Bit 2
OC1B, Output Compare Match B output: The PE2 pin can serve as an external output for the
Timer/Counter1 Output Compare B. The pin has to be configured as an output (DDE0 set (one))
to serve this function. The OC1B pin is also the output pin for the PWM mode timer function.
Table 42 relate the alternate functions of Port E to the overriding signals shown in Figure 32 on
page 68.
•ALE – Port E, Bit 1
ALE is the external data memory Address Latch Enable signal.
• ICP1/INT2 – Port E, Bit 0
ICP1, Input Capture Pin: The PE0 pin can act as an Input Capture pin for Timer/Counter1.
INT2, External Interrupt Source 2: The PE0 pin can serve as an external interrupt source.
Table 41. Port E Pins Alternate Functions
Port Pin
Alternate Function
PE2
OC1B (Timer/Counter1 Output CompareB Match Output)
PE1
ALE (Address Latch Enable to external memory)
PE0
ICP1 (Timer/Counter1 Input Capture Pin)
INT2 (External Interrupt 2 Input)
Table 42. Overriding Signals for Alternate Functions PE2..PE0
Signal Name
PE2
PE1
PE0
PUOE
0
SRE
0
PUOV
0
0
0
DDOE
0
SRE
0
DDOV
0
1
0
PVOE
OC1B ENABLE
SRE
0
PVOV
OC1B
ALE
0
DIEOE
0
0
INT2 ENABLED
DIEOV
0
0
1
DI
0
0
INT2 INPUT/ ICP1 INPUT
AIO
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com