Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega162 Datasheet(PDF) 28 Page - ATMEL Corporation

Part # ATmega162
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162 Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button ATmega162 Datasheet HTML 24Page - ATMEL Corporation ATmega162 Datasheet HTML 25Page - ATMEL Corporation ATmega162 Datasheet HTML 26Page - ATMEL Corporation ATmega162 Datasheet HTML 27Page - ATMEL Corporation ATmega162 Datasheet HTML 28Page - ATMEL Corporation ATmega162 Datasheet HTML 29Page - ATMEL Corporation ATmega162 Datasheet HTML 30Page - ATMEL Corporation ATmega162 Datasheet HTML 31Page - ATMEL Corporation ATmega162 Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 324 page
background image
28
2513K–AVR–07/09
ATmega162/V
Pull-up and Bus
Keeper
The pull-up resistors on the AD7:0 ports may be activated if the corresponding Port register is
written to one. To reduce power consumption in sleep mode, it is recommended to disable the
pull-ups by writing the Port register to zero before entering sleep.
The XMEM interface also provides a bus keeper on the AD7:0 lines. The Bus Keeper can be dis-
abled and enabled in software as described in “Special Function IO Register – SFIOR” on page
32. When enabled, the Bus Keeper will keep the previous value on the AD7:0 bus while these
lines are tri-stated by the XMEM interface.
Timing
External memory devices have various timing requirements. To meet these requirements, the
ATmega162 XMEM interface provides four different wait-states as shown in Table 3. It is impor-
tant to consider the timing specification of the external memory device before selecting the wait-
state. The most important parameters are the access time for the external memory in conjunc-
tion with the set-up requirement of the ATmega162. The access time for the external memory is
defined to be the time from receiving the chip select/address until the data of this address actu-
ally is driven on the bus. The access time cannot exceed the time from the ALE pulse is asserted
low until data must be stable during a read sequence (t
LLRL+ tRLRH - tDVRH in Table 114 to Table
121 on page 272). The different wait-states are set up in software. As an additional feature, it is
possible to divide the external memory space in two sectors with individual wait-state settings.
This makes it possible to connect two different memory devices with different timing require-
ments to the same XMEM interface. For XMEM interface timing details, please refer to Figure
118 to Figure 121, and Table 114 to Table 121.
Note that the XMEM interface is asynchronous and that the waveforms in the figures below are
related to the internal system clock. The skew between the internal and external clock (XTAL1)
is not guaranteed (it varies between devices, temperature, and supply voltage). Consequently,
the XMEM interface is not suited for synchronous operation.
Figure 13. External Data Memory Cycles without Wait-state
(SRWn1 = 0 and SRWn0 =0)
(1)
Note:
1. SRWn1 = SRW11 (upper sector) or SRW01 (lower sector), SRWn0 = SRW10 (upper sector) or
SRW00 (lower sector).
The ALE pulse in period T4 is only present if the next instruction accesses the RAM (internal
or external).
ALE
T1
T2
T3
WR
T4
A15:8
Address
Prev. addr.
DA7:0
Address
Data
Prev. data
XX
RD
DA7:0 (XMBK = 0)
Data
Address
Data
Prev. data
Address
DA7:0 (XMBK = 1)
System Clock (CLKCPU)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com