Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega162 Datasheet(PDF) 73 Page - ATMEL Corporation

Part # ATmega162
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162 Datasheet(HTML) 73 Page - ATMEL Corporation

Back Button ATmega162 Datasheet HTML 69Page - ATMEL Corporation ATmega162 Datasheet HTML 70Page - ATMEL Corporation ATmega162 Datasheet HTML 71Page - ATMEL Corporation ATmega162 Datasheet HTML 72Page - ATMEL Corporation ATmega162 Datasheet HTML 73Page - ATMEL Corporation ATmega162 Datasheet HTML 74Page - ATMEL Corporation ATmega162 Datasheet HTML 75Page - ATMEL Corporation ATmega162 Datasheet HTML 76Page - ATMEL Corporation ATmega162 Datasheet HTML 77Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 324 page
background image
73
2513K–AVR–07/09
ATmega162/V
• AIN1/TXD1 – Port B, Bit 3
AIN1, Analog Comparator Negative input. Configure the port pin as input with the internal pull-up
switched off to avoid the digital port function from interfering with the function of the Analog
Comparator.
TXD1, Transmit Data (Data output pin for USART1). When the USART1 Transmitter is enabled,
this pin is configured as an output regardless of the value of DDB3.
• AIN0/RXD1 – Port B, Bit 2
AIN0, Analog Comparator Positive Input. Configure the port pin as input with the internal pull-up
switched off to avoid the digital port function from interfering with the function of the Analog
Comparator.
RXD1, Receive Data (Data input pin for USART1). When the USART1 Receiver is enabled this
pin is configured as an input regardless of the value of DDB2. When the USART1 forces this pin
to be an input, the pull-up can still be controlled by the PORTB2 bit.
• T1/OC2 – Port B, Bit 1
T1, Timer/Counter1 Counter Source.
OC2, Output Compare Match output: The PB1 pin can serve as an external output for the
Timer/Counter2 Compare Match. The PB1 pin has to be configured as an output (DDB1 set
(one)) to serve this function. The OC2 pin is also the output pin for the PWM mode timer
function.
• T0/OC0 – Port B, Bit 0
T0, Timer/Counter0 counter source.
OC0, Output Compare Match output: The PB0 pin can serve as an external output for the
Timer/Counter0 Compare Match. The PB0 pin has to be configured as an output (DDB0 set
(one)) to serve this function. The OC0 pin is also the output pin for the PWM mode timer
function.
clk
I/O, Divided System Clock: The divided system clock can be output on the PB0 pin. The
divided system clock will be output if the CKOUT Fuse is programmed, regardless of the
PORTB0 and DDB0 settings. It will also be output during reset.
Table 33 and Table 34 relate the alternate functions of Port B to the overriding signals shown in
Figure 32 on page 68. SPI MSTR INPUT and SPI SLAVE OUTPUT constitute the MISO signal,
while MOSI is divided into SPI MSTR OUTPUT and SPI SLAVE INPUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com