Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega162 Datasheet(PDF) 71 Page - ATMEL Corporation

Part # ATmega162
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162 Datasheet(HTML) 71 Page - ATMEL Corporation

Back Button ATmega162 Datasheet HTML 67Page - ATMEL Corporation ATmega162 Datasheet HTML 68Page - ATMEL Corporation ATmega162 Datasheet HTML 69Page - ATMEL Corporation ATmega162 Datasheet HTML 70Page - ATMEL Corporation ATmega162 Datasheet HTML 71Page - ATMEL Corporation ATmega162 Datasheet HTML 72Page - ATMEL Corporation ATmega162 Datasheet HTML 73Page - ATMEL Corporation ATmega162 Datasheet HTML 74Page - ATMEL Corporation ATmega162 Datasheet HTML 75Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 324 page
background image
71
2513K–AVR–07/09
ATmega162/V
Notes:
1. ADA is short for ADdress Active and represents the time when address is output. See “Exter-
nal Memory Interface” on page 26.
2. PCINTn is Pin Change Interrupt Enable bit n.
3. PCINTn is Pin Change Interrupt input n.
Notes:
1. PCINT is Pin Change Interrupt Enable bit n.
2. PCINT is Pin Change Interrupt input n.
Table 30. Overriding Signals for Alternate Functions in PA7..PA4
Signal
Name
PA7/AD7/
PCINT7
PA6/AD6/PCINT6
PA5/AD5/PCINT5
PA4/AD4/PCINT4
PUOE
SRE
SRE
SRE
SRE
PUOV
~(WR + ADA(1)) •
PORTA7
~(WR + ADA) •
PORTA6
~(WR + ADA) •
PORTA5
~(WR + ADA) •
PORTA4
DDOE
SRE
SRE
SRE
SRE
DDOV
WR + ADA
WR + ADA
WR + ADA
WR + ADA
PVOE
SRE
SRE
SRE
SRE
PVOV
if (ADA) then
A7
else
D7 OUTPUT
• WR
if (ADA) then
A6
else
D6 OUTPUT
• WR
if (ADA) then
A5
else
D5 OUTPUT
• WR
if (ADA) then
A4
else
D4 OUTPUT
• WR
DIEOE(2
)
PCIE0 • PCINT7
PCIE0 • PCINT6
PCIE0 • PCINT5
PCIE0 • PCINT4
DIEOV
1
111
DI(3)
D7 INPUT/
PCINT7
D6 INPUT/
PCINT6
D5 INPUT/
PCINT5
D4 INPUT/
PCINT4
AIO
–
–––
Table 31. Overriding Signals for Alternate Functions in PA3..PA0
Signal
Name
PA3/AD3/
PCINT3
PA2/AD2/
PCINT2
PA1/AD1/
PCINT1
PA0/AD0/
PCINT0
PUOE
SRE
SRE
SRE
SRE
PUOV
~(WR + ADA) •
PORTA3
~(WR + ADA) •
PORTA2
~(WR + ADA) •
PORTA1
~(WR + ADA) •
PORTA0
DDOE
SRE
SRE
SRE
SRE
DDOV
WR + ADA
WR + ADA
WR + ADA
WR + ADA
PVOE
SRE
SRE
SRE
SRE
PVOV
if (ADA) then
A3
else
D3 OUTPUT
• WR
if (ADA) then
A2
else
D2 OUTPUT
• WR
if (ADA) then
A1
else
D1 OUTPUT
• WR
if (ADA) then
A0
else
D0 OUTPUT
• WR
DIEOE(1)
PCIE0 • PCINT3
PCIE0 • PCINT2
PCIE0 • PCINT1
PCIE0 • PCINT0
DIEOV
1
1
1
1
DI(2)
D3 INPUT
/PCINT3
D2 INPUT
/PCINT2
D1 INPUT
/PCINT1
D0 INPUT
/PCINT0
AIO
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com