Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega162 Datasheet(PDF) 76 Page - ATMEL Corporation

Part # ATmega162
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162 Datasheet(HTML) 76 Page - ATMEL Corporation

Back Button ATmega162 Datasheet HTML 72Page - ATMEL Corporation ATmega162 Datasheet HTML 73Page - ATMEL Corporation ATmega162 Datasheet HTML 74Page - ATMEL Corporation ATmega162 Datasheet HTML 75Page - ATMEL Corporation ATmega162 Datasheet HTML 76Page - ATMEL Corporation ATmega162 Datasheet HTML 77Page - ATMEL Corporation ATmega162 Datasheet HTML 78Page - ATMEL Corporation ATmega162 Datasheet HTML 79Page - ATMEL Corporation ATmega162 Datasheet HTML 80Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 324 page
background image
76
2513K–AVR–07/09
ATmega162/V
• A13/TMS/PCINT13 – Port C, Bit 5
A13, External memory interface address bit 13.
TMS, JTAG Test Mode Select: This pin is used for navigating through the TAP-controller state
machine. When the JTAG interface is enabled, this pin can not be used as an I/O pin.
PCINT13: The pin can also serve as a pin change interrupt.
• A12/TCK/PCINT12 – Port C, Bit 4
A12, External memory interface address bit 12.
TCK, JTAG Test Clock: JTAG operation is synchronous to TCK. When the JTAG interface is
enabled, this pin can not be used as an I/O pin.
PCINT12: The pin can also serve as a pin change interrupt.
• A11/PCINT11 – Port C, Bit 3
A11, External memory interface address bit 11.
PCINT11: The pin can also serve as a pin change interrupt.
• A10/PCINT10 – Port C, Bit 2
A10, External memory interface address bit 10.
PCINT11: The pin can also serve as a pin change interrupt.
• A9/PCINT9 – Port C, Bit 1
A9, External memory interface address bit 9.
PCINT9: The pin can also serve as a pin change interrupt.
• A8/PCINT8 – Port C, Bit 0
A8, External memory interface address bit 8.
PCINT8: The pin can also serve as a pin change interrupt.
Table 36 and Table 37 relate the alternate functions of Port C to the overriding signals shown in
Figure 32 on page 68.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com