Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega162 Datasheet(PDF) 264 Page - ATMEL Corporation

Part # ATmega162
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162 Datasheet(HTML) 264 Page - ATMEL Corporation

Back Button ATmega162 Datasheet HTML 260Page - ATMEL Corporation ATmega162 Datasheet HTML 261Page - ATMEL Corporation ATmega162 Datasheet HTML 262Page - ATMEL Corporation ATmega162 Datasheet HTML 263Page - ATMEL Corporation ATmega162 Datasheet HTML 264Page - ATMEL Corporation ATmega162 Datasheet HTML 265Page - ATMEL Corporation ATmega162 Datasheet HTML 266Page - ATMEL Corporation ATmega162 Datasheet HTML 267Page - ATMEL Corporation ATmega162 Datasheet HTML 268Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 324 page
background image
264
2513K–AVR–07/09
ATmega162/V
Electrical Characteristics
DC Characteristics
Absolute Maximum Ratings*
Operating Temperature.................................. -55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature ..................................... -65°C to +150°C
Voltage on any Pin except RESET
with respect to Ground ................................-0.5V to VCC+0.5V
Voltage on RESET with respect to Ground......-0.5V to +13.0V
Maximum Operating Voltage ............................................ 6.0V
DC Current per I/O Pin ............................................... 40.0 mA
DC Current
V
CC and GND Pins .......................200.0 mA PDIP,
400 mA TQFP/MLF
T
A = -40°C to 85°C, VCC = 1.8V to 5.5V (unless otherwise noted)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VIL
Input Low Voltage, Except XTAL1
and RESETpin
VCC = 1.8 - 2.4V
V
CC = 2.4 - 5.5V
-0.5
-0.5
0.2 VCC
(1)
0.3 V
CC
(1)
V
VIH
Input High Voltage, Except XTAL1
and RESET pin
VCC = 1.8 - 2.4V
VCC = 2.4 - 5.5V
0.7 VCC
(2)
0.6 VCC
(2)
VCC + 0.5
VCC + 0.5
V
VIL1
Input Low Voltage, XTAL1 pin
V
CC = 1.8 - 5.5V
-0.5
0.1 V
CC
(1)
V
VIH1
Input High Voltage, XTAL1 pin
VCC = 1.8 - 2.4V
V
CC = 2.4 - 5.5V
0.8 VCC
(2)
0.7 V
CC
(2)
VCC + 0.5
V
CC + 0.5
V
VIL2
Input Low Voltage, RESET pin
V
CC = 1.8 - 5.5V
-0.5
0.2 V
CC
V
VIH2
Input High Voltage, RESET pin
VCC = 1.8 - 5.5V
0.9 VCC
(2)
VCC + 0.5
V
VOL
Output Low Voltage(3), Ports A, B, C,
D, and E
IOL = 20 mA, VCC = 5V
IOL = 10 mA, VCC = 3V
0.7
0.5
V
V
VOH
Output High Voltage(4), Ports A, B, C,
D, and E
IOL = -20 mA, VCC = 5V
IOL = -10 mA, VCC = 3V
4.2
2.3
V
V
IIL
Input Leakage Current I/O Pin
Vcc =
5.5V, pin low
(absolute value)
1µA
IIH
Input Leakage Current I/O Pin
Vcc =
5.5V, pin high
(absolute value)
1µA
RRST
Reset Pull-up Resistor
30
60
k
Ω
Rpu
I/O Pin Pull-up Resistor
20
50
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com