Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167 Datasheet(PDF) 122 Page - ATMEL Corporation

Part # ATtiny167
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167 Datasheet(HTML) 122 Page - ATMEL Corporation

Back Button ATtiny167 Datasheet HTML 118Page - ATMEL Corporation ATtiny167 Datasheet HTML 119Page - ATMEL Corporation ATtiny167 Datasheet HTML 120Page - ATMEL Corporation ATtiny167 Datasheet HTML 121Page - ATMEL Corporation ATtiny167 Datasheet HTML 122Page - ATMEL Corporation ATtiny167 Datasheet HTML 123Page - ATMEL Corporation ATtiny167 Datasheet HTML 124Page - ATMEL Corporation ATtiny167 Datasheet HTML 125Page - ATMEL Corporation ATtiny167 Datasheet HTML 126Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 282 page
background image
122
7728D–AVR–07/09
ATtiny87/ATtiny167
Figure 12-6. Compare Match Output Logic
12.8.1
Compare Output Function
The general I/O port function is overridden by the Output Compare (OC1A/B) from the Wave-
form Generator if either of the COM1A/B1:0 bits are set and if OCnxi respective bit is set in
TCCR1D register. However, the OC1A/Bi pin direction (input or output) is still controlled by the
Data Direction Register (DDR) for the port pin. The Data Direction Register bit for the OC1A/Bi
pin (DDR_OC1A/Bi) must be set as output before the OC1A/B value is visible on the pin. The
port override function is generally independent of the Waveform Generation mode, but there
are some exceptions. Refer to Table 12-1, Table 12-2 and Table 12-3 for details.
The design of the Output Compare pin logic allows initialization of the OC1A/B state before the
output is enabled. Note that some COM1A/B1:0 bit settings are reserved for certain modes of
operation. See “16-bit Timer/Counter Register Description” on page 132.
The COM1A/B1:0 bits have no effect on the Input Capture unit.
12.8.2
Compare Output Mode and Waveform Generation
The Waveform Generator uses the COM1A/B1:0 bits differently in normal, CTC, and PWM
modes. For all modes, setting the COM1A/B1:0 = 0 tells the Waveform Generator that no
action on the OC1A/B Register is to be performed on the next compare match. For compare
output actions in the non-PWM modes refer to Table 12-1 on page 132. For fast PWM mode
refer to Table 12-2 on page 133, and for phase correct and phase and frequency correct PWM
refer to Table 12-3 on page 133.
A change of the COM1A/B1:0 bits state will have effect at the first compare match after the
bits are written. For non-PWM modes, the action can be forced to have immediate effect by
using the FOC1A/B strobe bits.
12.9
Modes of Operation
The mode of operation, i.e., the behavior of the Timer/Counter and the Output Compare pins,
is defined by the combination of the Waveform Generation mode (WGM13:0) and Compare
Output mode (COM1A/B1:0) bits. The Compare Output mode bits do not affect the counting
sequence, while the Waveform Generation mode bits do. The COM1A/B1:0 bits control
whether the PWM output generated should be inverted or not (inverted or non-inverted PWM).
For non-PWM modes the COM1A/B1:0 bits control whether the output should be set, cleared
PORT
DQ
DQ
OCnxi
Pin
OCnx
DQ
Waveform
Generator
COMnx1
OCnxi
COMnx0
0
1
FOCnx
clk
I/O
DDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com