Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167 Datasheet(PDF) 124 Page - ATMEL Corporation

Part # ATtiny167
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167 Datasheet(HTML) 124 Page - ATMEL Corporation

Back Button ATtiny167 Datasheet HTML 120Page - ATMEL Corporation ATtiny167 Datasheet HTML 121Page - ATMEL Corporation ATtiny167 Datasheet HTML 122Page - ATMEL Corporation ATtiny167 Datasheet HTML 123Page - ATMEL Corporation ATtiny167 Datasheet HTML 124Page - ATMEL Corporation ATtiny167 Datasheet HTML 125Page - ATMEL Corporation ATtiny167 Datasheet HTML 126Page - ATMEL Corporation ATtiny167 Datasheet HTML 127Page - ATMEL Corporation ATtiny167 Datasheet HTML 128Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 282 page
background image
124
7728D–AVR–07/09
ATtiny87/ATtiny167
An interrupt can be generated at each time the counter value reaches the TOP value by either
using the OCF1A or ICF1 flag according to the register used to define the TOP value. If the
interrupt is enabled, the interrupt handler routine can be used for updating the TOP value.
However, changing the TOP to a value close to BOTTOM when the counter is running with
none or a low prescaler value must be done with care since the CTC mode does not have the
double buffering feature. If the new value written to OCR1A or ICR1 is lower than the current
value of TCNT1, the counter will miss the compare match. The counter will then have to count
to its maximum value (0xFFFF) and wrap around starting at 0x0000 before the compare match
can occur. In many cases this feature is not desirable. An alternative will then be to use the
fast PWM mode using OCR1A for defining TOP (WGM13:0 = 15) since the OCR1A then will
be double buffered.
For generating a waveform output in CTC mode, the OC1A output can be set to toggle its log-
ical level on each compare match by setting the Compare Output mode bits to toggle mode
(COM1A1:0 = 1). The OC1A value will not be visible on the port pin unless the data direction
for the pin is set to output (DDR_OC1A = 1) and OC1Ai is set. The waveform generated will
have a maximum frequency of f
OC1A = fclk_I/O/2 when OCR1A is set to zero (0x0000). The
waveform frequency is defined by the following equation:
The N variable represents the prescaler factor (1, 8, 64, 256, or 1024).
As for the Normal mode of operation, the TOV1 flag is set in the same timer clock cycle that
the counter counts from MAX to 0x0000.
12.9.3
Fast PWM Mode
The fast Pulse Width Modulation or fast PWM mode (WGM13:0 = 5, 6, 7, 14, or 15) provides a
high frequency PWM waveform generation option. The fast PWM differs from the other PWM
options by its single-slope operation. The counter counts from BOTTOM to TOP then restarts
from BOTTOM. In non-inverting Compare Output mode, the Output Compare (OC1A/B) is set
on the compare match between TCNT1 and OCR1A/B, and cleared at TOP. In inverting Com-
pare Output mode output is cleared on compare match and set at TOP. Due to the
single-slope operation, the operating frequency of the fast PWM mode can be twice as high as
the phase correct and phase and frequency correct PWM modes that use dual-slope opera-
tion. This high frequency makes the fast PWM mode well suited for power regulation,
rectification, and DAC applications. High frequency allows physically small sized external
components (coils, capacitors), hence reduces total system cost.
The PWM resolution for fast PWM can be fixed to 8-, 9-, or 10-bit, or defined by either ICR1 or
OCR1A. The minimum resolution allowed is 2-bit (ICR1 or OCR1A set to 0x0003), and the
maximum resolution is 16-bit (ICR1 or OCR1A set to MAX). The PWM resolution in bits can be
calculated by using the following equation:
fOCnA
f
clk_I/O
2
N
1
OCRnA
+
()
⋅⋅
--------------------------------------------------------
=
RFPWM
TOP 1
+
()
log
2
()
log
-----------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com