Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167 Datasheet(PDF) 171 Page - ATMEL Corporation

Part # ATtiny167
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167 Datasheet(HTML) 171 Page - ATMEL Corporation

Back Button ATtiny167 Datasheet HTML 167Page - ATMEL Corporation ATtiny167 Datasheet HTML 168Page - ATMEL Corporation ATtiny167 Datasheet HTML 169Page - ATMEL Corporation ATtiny167 Datasheet HTML 170Page - ATMEL Corporation ATtiny167 Datasheet HTML 171Page - ATMEL Corporation ATtiny167 Datasheet HTML 172Page - ATMEL Corporation ATtiny167 Datasheet HTML 173Page - ATMEL Corporation ATtiny167 Datasheet HTML 174Page - ATMEL Corporation ATtiny167 Datasheet HTML 175Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 282 page
background image
171
7728D–AVR–07/09
ATtiny87/ATtiny167
15.5.4
Configuration
Depending on the mode (LIN or UART), LCONF[1..0] bits of the LINCR register set the con-
troller in the following configuration (Table 15-3):
The LIN configuration is independent of the programmed LIN protocol.
The listening mode connects the internal Tx LIN and the internal Rx LIN together. In this
mode, the TXLIN output pin is disabled and the RXLIN input pin is always enabled. The same
scheme is available in UART mode.
Figure 15-6. Listening Mode
15.5.5
Busy Signal
LBUSY bit flag in LINSIR register is the image of the BUSY signal. It is set and cleared by
hardware. It signals that the controller is busy with LIN or UART communication.
15.5.5.1
Busy Signal in LIN Mode
Figure 15-7. Busy Signal in LIN Mode
Table 15-3.
Configuration Table versus Mode
Mode
LCONF[1..0]
Configuration
LIN
00
b
LIN standard configuration (default)
01 b
No CRC field detection or transmission
10
b
Frame_Time_Out disable
11
b
Listening mode
UART
00 b
8-bit data, no parity & 1 stop-bit
01
b
8-bit data, even parity & 1 stop-bit
10
b
8-bit data, odd parity & 1 stop-bit
11 b
Listening mode, 8-bit data, no parity & 1 stop-bit
1
0
TXLIN
RXLIN
internal
Tx LIN
internal
Rx LIN
LISTEN
BREAK
Field
SYNC
Field
CHECKSUM
Field
DATA-0
Field
Field
IDENTIFIER
PROTECTED
DATA-n
Field
RESPONSE
HEADER
FRAME SLOT
LIN bus
LIDOK
Node providing the master task
Node providing a slave task
LCMD=Tx Header
LTXOK or LRXOK
LCMD=Tx or Rx Response
1) LBUSY
3) LBUSY
2) LBUSY
Node providing neither the master task, neither a slave task



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com