Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167 Datasheet(PDF) 173 Page - ATMEL Corporation

Part # ATtiny167
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167 Datasheet(HTML) 173 Page - ATMEL Corporation

Back Button ATtiny167 Datasheet HTML 169Page - ATMEL Corporation ATtiny167 Datasheet HTML 170Page - ATMEL Corporation ATtiny167 Datasheet HTML 171Page - ATMEL Corporation ATtiny167 Datasheet HTML 172Page - ATMEL Corporation ATtiny167 Datasheet HTML 173Page - ATMEL Corporation ATtiny167 Datasheet HTML 174Page - ATMEL Corporation ATtiny167 Datasheet HTML 175Page - ATMEL Corporation ATtiny167 Datasheet HTML 176Page - ATMEL Corporation ATtiny167 Datasheet HTML 177Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 282 page
background image
173
7728D–AVR–07/09
ATtiny87/ATtiny167
The re-synchronization implemented in the controller tolerates a clock deviation of ± 20% and
adjusts the baud rate in a ± 2% range.
The new LBT[5..0] value will be used up to the end of the response. Then, the LBT[5..0] will be
reset to 32 for the next header.
The LINBTR register can be used to (software) re-calibrate the clock oscillator.
The re-synchronization is not performed if the LIN node is enabled as a master.
15.5.6.3
Handling LBT[5..0]
LDISR bit of LINBTR register is used to:
• Disable the re-synchronization (for instance in the case of LIN MASTER node),
• To enable the setting of LBT[5..0] (to manually adjust the baud rate especially in the case of
UART mode). A minimum of 8 is required for LBT[5..0] due to the sampling operation.
Note that the LENA bit of LINCR register is important for this handling (see Figure 15-8 on
page 173).
Figure 15-8. Handling LBT[5..0]
15.5.7
Data Length
Section 15.4.6 “LIN Commands” on page 167 describes how to set or how are automatically
set the LRXDL[3..0] or LTXDL[3..0] fields of LINDLR register before receiving or transmitting a
response.
In the case of Tx Response the LRXDL[3..0] will be used by the hardware to count the number
of bytes already successfully sent.
In the case of Rx Response the LTXDL[3..0] will be used by the hardware to count the number
of bytes already successfully received.
If an error occurs, this information is useful to the programmer to recover the LIN messages.
15.5.7.1
Data Length in LIN 2.1
• If LTXDL[3..0]=0 only the CHECKSUM will be sent,
• If LRXDL[3..0]=0 the first byte received will be interpreted as the CHECKSUM,
• If LTXDL[3..0] or LRXDL[3..0] >8, values will be forced to 8 after the command setting and
before sending or receiving of the first byte.
Write in LINBTR register
LENA ?
(LINCR bit 4)
LDISR
to write
=0
=0
=1
LBT[5..0] forced to 0x20
LDISR forced to 0
Enable re-synch. in LIN mode
LBT[5..0] = LBT[5..0] to write
(LBT[5..0]min=8)
LDISR forced to 1
Disable re-synch. in LIN mode
=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com