Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167 Datasheet(PDF) 176 Page - ATMEL Corporation

Part # ATtiny167
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167 Datasheet(HTML) 176 Page - ATMEL Corporation

Back Button ATtiny167 Datasheet HTML 172Page - ATMEL Corporation ATtiny167 Datasheet HTML 173Page - ATMEL Corporation ATtiny167 Datasheet HTML 174Page - ATMEL Corporation ATtiny167 Datasheet HTML 175Page - ATMEL Corporation ATtiny167 Datasheet HTML 176Page - ATMEL Corporation ATtiny167 Datasheet HTML 177Page - ATMEL Corporation ATtiny167 Datasheet HTML 178Page - ATMEL Corporation ATtiny167 Datasheet HTML 179Page - ATMEL Corporation ATtiny167 Datasheet HTML 180Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 282 page
background image
176
7728D–AVR–07/09
ATtiny87/ATtiny167
15.5.9
xxERR Flags
LERR bit of the LINSIR register is an logical ‘OR’ of all the bits of LINERR register (see Sec-
tion 15.5.13 “Interrupts” on page 178). There are eight flags:
• LBERR = LIN Bit ERRor.
A unit that is sending a bit on the bus also monitors the bus. A LIN bit error will be flagged
when the bit value that is monitored is different from the bit value that is sent. After
detection of a LIN bit error the transmission is aborted.
• LCERR = LIN Checksum ERRor.
A LIN checksum error will be flagged if the inverted modulo-256 sum of all received data
bytes (and the protected identifier in LIN 2.1) added to the checksum does not result in
0xFF.
• LPERR = LIN Parity ERRor (identifier).
A LIN parity error in the IDENTIFIER field will be flagged if the value of the parity bits does
not match with the identifier value. (See LP[1:0] bits in Section 15.6.8 “LIN Identifier
Register - LINIDR” on page 186). A LIN slave application does not distinguish between
corrupted parity bits and a corrupted identifier. The hardware does not undertake any
correction. However, the LIN slave application has to solve this as:
- known identifier (parity bits corrupted),
- or corrupted identifier to be ignored,
- or new identifier.
• LSERR = LIN Synchronization ERRor.
A LIN synchronization error will be flagged if a slave detects the edges of the SYNCH field
outside the given tolerance.
• LFERR = LIN Framing ERRor.
A framing error will be flagged if dominant STOP bit is sampled.
Same function in UART mode.
• LTOERR = LIN Time Out ERRor.
A time-out error will be flagged if the MESSAGE frame is not fully completed within the
maximum length T
Frame_Maximum by any slave task upon transmission of the SYNCH and
IDENTIFIER fields (see Section 15.5.10 “Frame Time Out” on page 177).
• LOVERR = LIN OVerrun ERRor.
Overrun error will be flagged if a new command (other than LIN Abort) is entered while
‘Busy signal’ is present.
In UART mode, an overrun error will be flagged if a received byte overwrites the byte stored
in the serial input buffer.
• LABORT
LIN abort transfer reflects a previous LIN Abort command (LCMD[2..0] = 000) while ‘Busy
signal’ is present.
After each LIN error, the LIN controller stops its previous activity and returns to its withdrawal
mode (LCMD[2..0] = 000
b) as illustrated in Figure 15-11 on page 175.
Writing 1 in LERR of LINSIR register resets LERR bit and all the bits of the LINERR register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com