Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167 Datasheet(PDF) 178 Page - ATMEL Corporation

Part # ATtiny167
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167 Datasheet(HTML) 178 Page - ATMEL Corporation

Back Button ATtiny167 Datasheet HTML 174Page - ATMEL Corporation ATtiny167 Datasheet HTML 175Page - ATMEL Corporation ATtiny167 Datasheet HTML 176Page - ATMEL Corporation ATtiny167 Datasheet HTML 177Page - ATMEL Corporation ATtiny167 Datasheet HTML 178Page - ATMEL Corporation ATtiny167 Datasheet HTML 179Page - ATMEL Corporation ATtiny167 Datasheet HTML 180Page - ATMEL Corporation ATtiny167 Datasheet HTML 181Page - ATMEL Corporation ATtiny167 Datasheet HTML 182Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 282 page
background image
178
7728D–AVR–07/09
ATtiny87/ATtiny167
Frame identifiers 60 (0x3C) to 61 (0x3D) shall always use classic checksum.
15.5.13
Interrupts
As shown in Figure 15-13 on page 178, the four communication flags of the LINSIR register
are combined to drive two interrupts. Each of these flags have their respective enable interrupt
bit in LINENIR register.
(see Section 15.5.8 “xxOK Flags” on page 175 and Section 15.5.9 “xxERR Flags” on page
176).
Figure 15-13. LIN Interrupt Mapping
15.5.14
Message Filtering
Message filtering based upon the whole identifier is not implemented. Only a status for frame
headers having 0x3C, 0x3D, 0x3E and 0x3F as identifier is available in the LINSIR register.
CHECKSUM
255
unsigned char
DATA
n
0
n
∑
⎝⎠
⎜⎟
⎜⎟
⎛⎞
unsigned char
DATA
n
0
n
∑
⎝⎠
⎜⎟
⎜⎟
⎛⎞
8
»
⎝⎠
⎜⎟
⎜⎟
⎛⎞
+
⎝⎠
⎜⎟
⎜⎟
⎛⎞
–
=
LIDOK
LINSIR.2
LTXOK
LINSIR.1
LRXOK
LINSIR.0
LABORT
LINERR.7
LTOERR
LINERR.6
LOVERR
LINERR.5
LERR
LINSIR.3
LIN TC
LENERR
LFERR
LINERR.4
LSERR
LINERR.3
LPERR
LINERR.2
LCERR
LINERR.1
LBERR
LINERR.0
LIN ERR
LENIDOK
LINENIR.2
LENTXOK
LINENIR.1
LENRXOK
LINENIR.0
LINENIR.3
Table 15-4.
Frame Status
LIDST[2..0]
Frame Status
0xx
b
No specific identifier
100
b
60 (0x3C) identifier
101 b
61 (0x3D) identifier
110
b
62 (0x3E) identifier
111
b
63 (0x3F) identifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com