Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167 Datasheet(PDF) 181 Page - ATMEL Corporation

Part # ATtiny167
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167 Datasheet(HTML) 181 Page - ATMEL Corporation

Back Button ATtiny167 Datasheet HTML 177Page - ATMEL Corporation ATtiny167 Datasheet HTML 178Page - ATMEL Corporation ATtiny167 Datasheet HTML 179Page - ATMEL Corporation ATtiny167 Datasheet HTML 180Page - ATMEL Corporation ATtiny167 Datasheet HTML 181Page - ATMEL Corporation ATtiny167 Datasheet HTML 182Page - ATMEL Corporation ATtiny167 Datasheet HTML 183Page - ATMEL Corporation ATtiny167 Datasheet HTML 184Page - ATMEL Corporation ATtiny167 Datasheet HTML 185Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 282 page
background image
181
7728D–AVR–07/09
ATtiny87/ATtiny167
15.6.1
LIN Control Register - LINCR
• Bit 7 - LSWRES: Software Reset
– 0 = No action,
– 1 = Software reset (this bit is self-reset at the end of the reset procedure).
• Bit 6 - LIN13: LIN 1.3 mode
– 0 = LIN 2.1 (default),
– 1 = LIN 1.3.
• Bit 5:4 - LCONF[1:0]: Configuration
a.
LIN mode (default = 00):
– 00 = LIN Standard configuration (listen mode “off”, CRC “on” & Frame_Time_Out
“on”,
– 01 = No CRC, No Frame_Time_Out (listen mode “off”),
– 10 = No Frame_Time_Out (listen mode “off” & CRC “on”),
– 11 = Listening mode (CRC “on” & Frame_Time_Out “on”).
b.
UART mode (default = 00):
– 00 = 8-bit, no parity (listen mode “off”),
– 01 = 8-bit, even parity (listen mode “off”),
– 10 = 8-bit, odd parity (listen mode “off”),
– 11 = Listening mode, 8-bit, no parity.
• Bit 3 - LENA: Enable
– 0 = Disable (both LIN and UART modes),
– 1 = Enable (both LIN and UART modes).
• Bit 2:0 - LCMD[2..0]: Command and mode
The command is only available if LENA is set.
– 000 = LIN Rx Header - LIN abort,
– 001 = LIN Tx Header,
– 010 = LIN Rx Response,
– 011 = LIN Tx Response,
– 100 = UART Rx & Tx Byte disable,
– 11x = UART Rx Byte enable,
– 1x1 = UART Tx Byte enable.
Bit
7
6543210
LSWRES
LIN13
LCONF1
LCONF0
LENA
LCMD2
LCMD1
LCMD0
LINCR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com