Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167 Datasheet(PDF) 185 Page - ATMEL Corporation

Part # ATtiny167
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167 Datasheet(HTML) 185 Page - ATMEL Corporation

Back Button ATtiny167 Datasheet HTML 181Page - ATMEL Corporation ATtiny167 Datasheet HTML 182Page - ATMEL Corporation ATtiny167 Datasheet HTML 183Page - ATMEL Corporation ATtiny167 Datasheet HTML 184Page - ATMEL Corporation ATtiny167 Datasheet HTML 185Page - ATMEL Corporation ATtiny167 Datasheet HTML 186Page - ATMEL Corporation ATtiny167 Datasheet HTML 187Page - ATMEL Corporation ATtiny167 Datasheet HTML 188Page - ATMEL Corporation ATtiny167 Datasheet HTML 189Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 282 page
background image
185
7728D–AVR–07/09
ATtiny87/ATtiny167
• Bits 5:0 - LBT[5:0]: LIN Bit Timing
Gives the number of samples of a bit.
sample-time = (1 /
fclk
i/o ) x (LDIV[11..0] + 1)
Default value: LBT[6:0]=32 — Min. value: LBT[6:0]=8 — Max. value: LBT[6:0]=63
15.6.6
LIN Baud Rate Register - LINBRR
• Bits 15:12 - Reserved Bits
These bits are reserved for future use. For compatibility with future devices, they must be
written to zero when LINBRR is written.
• Bits 11:0 - LDIV[11:0]: Scaling of clk
i/o Frequency
The LDIV value is used to scale the entering clk
i/o frequency to achieve appropriate LIN or
UART baud rate.
15.6.7
LIN Data Length Register - LINDLR
• Bits 7:4 - LTXDL[3:0]: LIN Transmit Data Length
In LIN mode, this field gives the number of bytes to be transmitted (clamped to 8 Max).
In UART mode this field is unused.
• Bits 3:0 - LRXDL[3:0]: LIN Receive Data Length
In LIN mode, this field gives the number of bytes to be received (clamped to 8 Max).
In UART mode this field is unused.
Bit
76543210
LDIV7
LDIV6
LDIV5
LDIV4
LDIV3
LDIV2
LDIV1
LDIV0
LINBRRL
----
LDIV11
LDIV10
LDIV9
LDIV8
LINBRRH
Bit
151413121110
9
8
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00000000
Bit
76543210
LTXDL3
LTXDL2
LTXDL1
LTXDL0
LRXDL3
LRXDL2
LRXDL1
LRXDL0
LINDLR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com