Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167 Datasheet(PDF) 190 Page - ATMEL Corporation

Part # ATtiny167
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167 Datasheet(HTML) 190 Page - ATMEL Corporation

Back Button ATtiny167 Datasheet HTML 186Page - ATMEL Corporation ATtiny167 Datasheet HTML 187Page - ATMEL Corporation ATtiny167 Datasheet HTML 188Page - ATMEL Corporation ATtiny167 Datasheet HTML 189Page - ATMEL Corporation ATtiny167 Datasheet HTML 190Page - ATMEL Corporation ATtiny167 Datasheet HTML 191Page - ATMEL Corporation ATtiny167 Datasheet HTML 192Page - ATMEL Corporation ATtiny167 Datasheet HTML 193Page - ATMEL Corporation ATtiny167 Datasheet HTML 194Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 282 page
background image
190
7728D–AVR–07/09
ATtiny87/ATtiny167
16.2.2
Current Source for Low Cost Transducer
An external transducer based on a variable resistor can be connected to the Current Source.
This can be, for instance:
• A thermistor, or temperature-sensitive resistor, used as a temperature sensor,
• A CdS photoconductive cell, or luminosity-sensitive resistor, used as a luminosity sensor,
•...
Using the Current Source with this type of transducer eliminates the need for additional parts
otherwise required in resistor network or Wheatstone bridge.
16.2.3
Voltage Reference for External Devices
An external resistor used in conjunction with the Current Source can be used as voltage refer-
ence for external devices. Using a resistor in serie with a lower tolerance than the Current
Source accuracy (
≤2%) is recommended. Table 16-2 gives an example of voltage references
using standard values of resistors.
16.2.4
Threshold Reference for Internal Analog Comparator
An external resistor used in conjunction with the Current Source can be used as threshold ref-
erence for internal Analog Comparator (See ”AnaComp - Analog Comparator” on page 211.).
This can be connected to AIN0 (negative Analog Compare input pin) as well as AIN1 (positive
Analog Compare input pin). Using a resistor in serie with a lower tolerance than the Current
Source accuracy (
≤2%) is recommended. Table 16-2 gives an example of threshold references
using standard values of resistors.
16.3
Control Register
16.3.1
AMISCR – Analog Miscellaneous Control Register
• Bit 0 – ISRCEN: Current Source Enable
Writing this bit to one enables the Current Source as shown in Figure 16-1. It is recommended
to use DIDR register bit function when ISRCEN is set. It also recommended to turn off the Cur-
rent Source as soon as possible ( ex: once the ADC measurement is done).
Bit
7
6
5432
10
-
-
-
-
-
AREFEN
XREFEN
ISRCEN
AMISCR
Read/Write
RRRR
R
R/W
R/W
R/W
Initial Value
0
0
0000
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com