Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167 Datasheet(PDF) 194 Page - ATMEL Corporation

Part # ATtiny167
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167 Datasheet(HTML) 194 Page - ATMEL Corporation

Back Button ATtiny167 Datasheet HTML 190Page - ATMEL Corporation ATtiny167 Datasheet HTML 191Page - ATMEL Corporation ATtiny167 Datasheet HTML 192Page - ATMEL Corporation ATtiny167 Datasheet HTML 193Page - ATMEL Corporation ATtiny167 Datasheet HTML 194Page - ATMEL Corporation ATtiny167 Datasheet HTML 195Page - ATMEL Corporation ATtiny167 Datasheet HTML 196Page - ATMEL Corporation ATtiny167 Datasheet HTML 197Page - ATMEL Corporation ATtiny167 Datasheet HTML 198Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 282 page
background image
194
7728D–AVR–07/09
ATtiny87/ATtiny167
17.4
Starting a Conversion
A single conversion is started by writing a logical one to the ADC Start Conversion bit, ADSC.
This bit stays high as long as the conversion is in progress and will be cleared by hardware
when the conversion is completed. If a different data channel is selected while a conversion is
in progress, the ADC will finish the current conversion before performing the channel change.
Alternatively, a conversion can be triggered automatically by various sources. Auto Triggering
is enabled by setting the ADC Auto Trigger Enable bit, ADATE in ADCSRA register. The trig-
ger source is selected by setting the ADC Trigger Select bits, ADTS in ADCSRB register (see
description of the ADTS bits for a list of the trigger sources). When a positive edge occurs on
the selected trigger signal, the ADC prescaler is reset and a conversion is started. This pro-
vides a method of starting conversions at fixed intervals. If the trigger signal still is set when
the conversion completes, a new conversion will not be started. If another positive edge
occurs on the trigger signal during conversion, the edge will be ignored. Note that an Interrupt
Flag will be set even if the specific interrupt is disabled or the Global Interrupt Enable bit in
SREG register is cleared. A conversion can thus be triggered without causing an interrupt.
However, the Interrupt Flag must be cleared in order to trigger a new conversion at the next
interrupt event.
Figure 17-2. ADC Auto Trigger Logic
Using the ADC Interrupt Flag as a trigger source makes the ADC start a new conversion as
soon as the ongoing conversion has finished. The ADC then operates in Free Running mode,
constantly sampling and updating the ADC Data Register. The first conversion must be started
by writing a logical one to the ADSC bit in ADCSRA register. In this mode the ADC will perform
successive conversions independently of whether the ADC Interrupt Flag, ADIF is cleared or
not.
If Auto Triggering is enabled, single conversions can be started by writing ADSC in ADCSRA
register to one. ADSC can also be used to determine if a conversion is in progress. The ADSC
bit will be read as one during a conversion, independently of how the conversion was started.
ADSC
ADIF
SOURCE 1
SOURCE n
ADTS[2:0]
Conversion
Logic
ADC Prescaler
Start
CLK
ADC
CLK
IO
. . .
. . .
. . .
. . .
Edge
Detector
ADATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com