Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167 Datasheet(PDF) 195 Page - ATMEL Corporation

Part # ATtiny167
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167 Datasheet(HTML) 195 Page - ATMEL Corporation

Back Button ATtiny167 Datasheet HTML 191Page - ATMEL Corporation ATtiny167 Datasheet HTML 192Page - ATMEL Corporation ATtiny167 Datasheet HTML 193Page - ATMEL Corporation ATtiny167 Datasheet HTML 194Page - ATMEL Corporation ATtiny167 Datasheet HTML 195Page - ATMEL Corporation ATtiny167 Datasheet HTML 196Page - ATMEL Corporation ATtiny167 Datasheet HTML 197Page - ATMEL Corporation ATtiny167 Datasheet HTML 198Page - ATMEL Corporation ATtiny167 Datasheet HTML 199Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 282 page
background image
195
7728D–AVR–07/09
ATtiny87/ATtiny167
17.5
Prescaling and Conversion Timing
Figure 17-3. ADC Prescaler
By default, the successive approximation circuitry requires an input clock frequency between
50 kHz and 200 kHz to get maximum resolution. If a lower resolution than 10 bits is needed,
the input clock frequency to the ADC can be higher than 200 kHz to get a higher sample rate.
The ADC module contains a prescaler, which generates an acceptable ADC clock frequency
from any CPU frequency above 100 kHz. The prescaling is set by the ADPS bits in ADCSRA
register. The prescaler starts counting from the moment the ADC is switched on by setting the
ADEN bit in ADCSRA register. The prescaler keeps running for as long as the ADEN bit is set,
and is continuously reset when ADEN is low.
When initiating a single ended conversion by setting the ADSC bit in ADCSRA register, the
conversion starts at the following rising edge of the ADC clock cycle.
A normal conversion takes 13 ADC clock cycles. The first conversion after the ADC is
switched on (ADEN in ADCSRA register is set) takes 25 ADC clock cycles in order to initialize
the analog circuitry.
The actual sample-and-hold takes place 1.5 ADC clock cycles after the start of a normal con-
version and 14.5 ADC clock cycles after the start of an first conversion. When a conversion is
complete, the result is written to the ADC Data Registers, and ADIF is set. In Single Conver-
sion mode, ADSC is cleared simultaneously. The software may then set ADSC again, and a
new conversion will be initiated on the first rising ADC clock edge.
When Auto Triggering is used, the prescaler is reset when the trigger event occurs. This
assures a fixed delay from the trigger event to the start of conversion. In this mode, the sam-
ple-and-hold takes place 2 ADC clock cycles after the rising edge on the trigger source signal.
Three additional CPU clock cycles are used for synchronization logic.
In Free Running mode, a new conversion will be started immediately after the conversion
completes, while ADSC remains high. For a summary of conversion times, see Table 17-1.
7-bit ADC Prescaler
Reset
CLK
IO
ADEN
Start
ADPS0
ADPS1
ADPS2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com