Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167 Datasheet(PDF) 226 Page - ATMEL Corporation

Part # ATtiny167
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167 Datasheet(HTML) 226 Page - ATMEL Corporation

Back Button ATtiny167 Datasheet HTML 222Page - ATMEL Corporation ATtiny167 Datasheet HTML 223Page - ATMEL Corporation ATtiny167 Datasheet HTML 224Page - ATMEL Corporation ATtiny167 Datasheet HTML 225Page - ATMEL Corporation ATtiny167 Datasheet HTML 226Page - ATMEL Corporation ATtiny167 Datasheet HTML 227Page - ATMEL Corporation ATtiny167 Datasheet HTML 228Page - ATMEL Corporation ATtiny167 Datasheet HTML 229Page - ATMEL Corporation ATtiny167 Datasheet HTML 230Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 282 page
background image
226
7728D–AVR–07/09
ATtiny87/ATtiny167
Note that the fuses are read as logical zero, “0”, if they are programmed.
Notes:
1. See ”Alternate Functions of Port B” on page 81. for description of RSTDISBL Fuse.
2. The SPIEN Fuse is not accessible in serial programming mode.
3. See ”Watchdog Timer Control Register - WDTCR” on page 57. for details.
4. See Table 22-5 on page 247 for BODLEVEL Fuse coding.
Table 21-3.
Extended Fuse Byte
Fuse Extended Byte
Bit No
Description
Default Value
–
7
–
1 (unprogrammed)
–
6
–
1 (unprogrammed)
–
5
–
1 (unprogrammed)
–
4
–
1 (unprogrammed)
–
3
–
1 (unprogrammed)
–
2
–
1 (unprogrammed)
–
1
–
1 (unprogrammed)
SELFPRGEN
0
Self Programming Enable
1 (unprogrammed)
Table 21-4.
Fuse High Byte
Fuse High Byte
Bit No Description
Default Value
RSTDISBL(1)
7
External Reset Disable
1 (unprogrammed)
DWEN
6
DebugWIRE Enable
1 (unprogrammed)
SPIEN(2)
5
Enable Serial Program
and Data Downloading
0 (programmed,
SPI programming enabled)
WDTON(3)
4
Watchdog Timer always on
1 (unprogrammed)
EESAVE
3
EEPROM memory is preserved
through the Chip Erase
1 (unprogrammed,
EEPROM not preserved)
BODLEVEL2(4)
2
Brown-out Detector trigger level
1 (unprogrammed)
BODLEVEL1(4)
1
Brown-out Detector trigger level
1 (unprogrammed)
BODLEVEL0(4)
0
Brown-out Detector trigger level
1 (unprogrammed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com