Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167 Datasheet(PDF) 230 Page - ATMEL Corporation

Part # ATtiny167
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167 Datasheet(HTML) 230 Page - ATMEL Corporation

Back Button ATtiny167 Datasheet HTML 226Page - ATMEL Corporation ATtiny167 Datasheet HTML 227Page - ATMEL Corporation ATtiny167 Datasheet HTML 228Page - ATMEL Corporation ATtiny167 Datasheet HTML 229Page - ATMEL Corporation ATtiny167 Datasheet HTML 230Page - ATMEL Corporation ATtiny167 Datasheet HTML 231Page - ATMEL Corporation ATtiny167 Datasheet HTML 232Page - ATMEL Corporation ATtiny167 Datasheet HTML 233Page - ATMEL Corporation ATtiny167 Datasheet HTML 234Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 282 page
background image
230
7728D–AVR–07/09
ATtiny87/ATtiny167
Table 21-10. Pin Values Used to Enter Programming Mode
Pin
Symbol
Value
PAGEL / BS1
Prog_enable[3]
0
XA1 / BS2
Prog_enable[2]
0
XA0
Prog_enable[1]
0
WR
Prog_enable[0]
0
Table 21-11. XA1 and XA0 Coding
XA1
XA0
Action when XTAL1 is Pulsed
00
Load Flash or EEPROM Address (High or low address byte determined by
BS1).
0
1
Load Data (High or Low data byte for Flash determined by BS1).
1
0
Load Command
1
1
No Action, Idle
Table 21-12. Command Byte Bit Coding
Command Byte
Command Executed
1000 0000 b
Chip Erase
0100 0000 b
Write Fuse bits
0010 0000
b
Write Lock bits
0001 0000 b
Write Flash
0001 0001 b
Write EEPROM
0000 1000
b
Read Signature bytes and Calibration byte
0000 0100 b
Read Fuse and Lock bits
0000 0010 b
Read Flash
0000 0011
b
Read EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com