Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167 Datasheet(PDF) 279 Page - ATMEL Corporation

Part # ATtiny167
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167 Datasheet(HTML) 279 Page - ATMEL Corporation

Back Button ATtiny167 Datasheet HTML 274Page - ATMEL Corporation ATtiny167 Datasheet HTML 275Page - ATMEL Corporation ATtiny167 Datasheet HTML 276Page - ATMEL Corporation ATtiny167 Datasheet HTML 277Page - ATMEL Corporation ATtiny167 Datasheet HTML 278Page - ATMEL Corporation ATtiny167 Datasheet HTML 279Page - ATMEL Corporation ATtiny167 Datasheet HTML 280Page - ATMEL Corporation ATtiny167 Datasheet HTML 281Page - ATMEL Corporation ATtiny167 Datasheet HTML 282Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 279 / 282 page
background image
279
7728D–AVR–07/09
ATtiny87/ATtiny167
The time-out counter is disabled during the RESPONSE when this workaround is set.
2.
Gain control of the crystal oscillator.
The crystal oscillator (0.4 -> 16 MHz) doesn’t latch its gain control (CKSEL/CSEL[2..0]
bits):
a.
The ‘Recover System Clock Source’ command doesn’t returns CSEL[2..0] bits.
b.
The gain control can be modified on the fly if CLKSELR changes.
Problem fix / workaround .
a.
No workaround.
b.
As soon as possible, after any CLKSELR modification, re-write the appropriate crystal
oscillator setting (CSEL[3]=1 and CSEL[2..0] / CSUT[1..0] bits) in CLKSELR.
Code example:
; Select crystal oscillator ( 16MHz crystal, fast rising power)
ldi
temp1,((0x0F<<CSEL0)|(0x02<<CSUT0))
sts
CLKSELR, temp1
; Enable clock source (crystal oscillator)
ldi
temp2,(1<<CLKCCE)
ldi
temp3,(0x02<<CLKC0)
; CSEL = "0010"
sts
CLKCSR,temp2
; Enable CLKCSR register access
sts
CLKCSR,temp3
; Enable crystal oscillator clock
; Clock source switch
ldi
temp3,(0x04<<CLKC0)
; CSEL = "0100"
sts
CLKCSR,temp2
; Enable CLKCSR register access
sts
CLKCSR,temp3
; Clock source switch
; Select watchdog clock ( 128KHz, fast rising power)
ldi
temp3,((0x03<<CSEL0)|(0x02<<CSUT0))
sts
CLKSELR, temp3
; (*)
; (*) !!! Loose gain control of crystal oscillator !!!
; ==> WORKAROUND ...
sts
CLKSELR, temp1
; ...
3.
‘Disable Clock Source’ command remains enabled.
In the Dynamic Clock Switch module, the ‘Disable Clock Source’ command remains run-
ning after disabling the targeted clock source (the clock source is set in the CLKSELR
register).
Problem fix / workaround.
After a ‘Disable Clock Source’ command, reset the CLKCSR register writing 0x80.
Code example:
; Select crystal oscillator
ldi
temp1,(0x0F<<CSEL0)
sts
CLKSELR, temp1
; Disable clock source (crystal oscillator)
ldi
temp2,(1<<CLKCCE)
ldi
temp3,(0x01<<CLKC0)
; CSEL = "0001"
sts
CLKCSR,temp2
; Enable CLKCSR register access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com