Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167 Datasheet(PDF) 281 Page - ATMEL Corporation

Part # ATtiny167
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167 Datasheet(HTML) 281 Page - ATMEL Corporation

Back Button ATtiny167 Datasheet HTML 274Page - ATMEL Corporation ATtiny167 Datasheet HTML 275Page - ATMEL Corporation ATtiny167 Datasheet HTML 276Page - ATMEL Corporation ATtiny167 Datasheet HTML 277Page - ATMEL Corporation ATtiny167 Datasheet HTML 278Page - ATMEL Corporation ATtiny167 Datasheet HTML 279Page - ATMEL Corporation ATtiny167 Datasheet HTML 280Page - ATMEL Corporation ATtiny167 Datasheet HTML 281Page - ATMEL Corporation ATtiny167 Datasheet HTML 282Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 281 / 282 page
background image
281
7728D–AVR–07/09
ATtiny87/ATtiny167
30. Datasheet Revision History for ATtiny87/167
Please note that the referring page numbers in this section are referring to this document.
The referring revision in this section are referring to the document revision.
30.1
Changes from 7728C - 05/09 to 7728D 07/09
1.
ISRC updated
2.
Brown-out updated
3.
Analog comparator updated
4.
Temperature sensor updated
30.2
Changes from 7728B - 04/09 to 7728C 05/09
1.
ATtiny87 devices added.
2.
Updated “ADC Characteristics” on page 248.
3.
Updated ADC parameter.
30.3
Changes from 7728A - 07/08 to 7728B 04/09
1.
Added ATtiny87 specification (Table 1-1 on page 2, Table 3-1 on page 15, Table 7-1
on page 59, Table 21-6 on page 227, Table 21-7 on page 228, Table 21-8 on page
228 and “Ordering Information” on page 274).
2.
Updated Figure 18-1 on page 211 and Table 18-3 on page 214 in Analog Comparator
chapter.
3.
Updated DIDR1 register on page 210 and in register summary paragraph.
4.
Updated “Errata” on page 278.
30.4
Document Creation
Revision: 7728A - 07/08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com