Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 62 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 62 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 58Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 59Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 60Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 61Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 62Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 63Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 64Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 65Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 66Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 282 page
background image
62
7728D–AVR–07/09
ATtiny87/ATtiny167
8.
External Interrupts
8.1
Overview
The External Interrupts are triggered by the INT1..0 pins or any of the PCINT15..0 pins.
Observe that, if enabled, the interrupts will trigger even if the INT1..0 or PCINT15..0 pins are
configured as outputs. This feature provides a way of generating a software interrupt.
The pin change interrupt PCINT1 will trigger if any enabled PCINT15..8 pin toggles. The pin
change interrupt PCINT0 will trigger if any enabled PCINT7..0 pin toggles. The PCMSK1 and
PCMSK0 Registers control which pins contribute to the pin change interrupts. Pin change
interrupts on PCINT15..0 are detected asynchronously. This implies that these interrupts can
be used for waking the part also from sleep modes other than Idle mode.
The INT1..0 interrupts can be triggered by a falling or rising edge or a low level. This is set up
as indicated in the specification for the External Interrupt Control Register A – EICRA. When
the INT1..0 interrupts are enabled and are configured as level triggered, the interrupts will trig-
ger as long as the pin is held low. The recognition of falling or rising edge interrupts on INT1..0
requires the presence of an I/O clock, described in “Clock Systems and their Distribution” on
page 24. Low level interrupts and the edge interrupt on INT1..0 are detected asynchronously.
This implies that these interrupts can be used for waking the part also from sleep modes other
than Idle mode. The I/O clock is halted in all sleep modes except Idle mode.
Note that if a level triggered interrupt is used for wake-up from Power-down or Power-save,
the required level must be held long enough for the MCU to complete the wake-up to trigger
the level interrupt. If the level disappears before the end of the Start-up Time, the MCU will still
wake up, but no interrupt will be generated. The start-up time is defined by the SUT and
CKSEL Fuses as described in “Clock Systems and their Distribution” on page 24.
8.2
Pin Change Interrupt Timing
An example of timing of a pin change interrupt is shown in Figure 8-1.
Figure 8-1.
Timing of pin change interrupts
LE
DQ
DQ
clk
pin_lat
pin_sync
pcint_in[i]
PCINT[i]
pin
PCINT[i] bit
(of PCMSKn)
DQ
DQ
DQ
clk
pcint_sync
pcint_set/flag
0
7
PCIFn
(interrupt flag)
PCINT[i] pin
pin_lat
pin_sync
clk
pcint_in[i]
pcint_syn
pcint_set/flag
PCIFn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com