Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 84 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 84 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 80Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 81Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 82Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 83Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 84Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 85Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 86Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 87Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 88Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 282 page
background image
84
7728D–AVR–07/09
ATtiny87/ATtiny167
Table 9-7 and Table 9-8 relate the alternate functions of Port B to the overriding signals shown
in Figure 9-6 on page 73.
Table 9-7.
Overriding Signals for Alternate Functions in PB7..PB4
Signal
Name
PB7/PCINT15/ADC10
/
OC1BX/RESET/dW
PB6/PCINT14/ADC9/
OC1AX/INT0
PB5/PCINT13/ADC8/
OC1BW/XTAL2/CLK
O
PB4/PCINT12/
OC1AW/XTAL1/CLKI
PUOE
000
0
PUOV
000
0
DDOE
000
0
DDOV
000
0
PVOE
OC1B_ENABLE &
OC1BX
OC1A_ENABLE &
OC1AX
OC1B_ENABLE &
OC1BW
OC1A_ENABLE &
OC1AW
PVOV
OC1B
OC1A
OC1B
OC1A
PTOE
000
0
DIEOE
ADC10D |
(PCIE1 & PCMSK15)
ADC9D |
INT0_ENABLE |
(PCIE1 & PCMSK14)
ADC8D |
(PCIE1 & PCMSK13)
(PCIE1 & PCMSK13)
DIEOV
PCIE1 & PCMSK15
INT0_ENABLE |
(PCIE1 & PCMSK14)
PCIE1 & PCMSK13
1
DI
PCINT15
PCINT14 -/- INT1
PCINT13
PCINT12
AIO
RESET -/- ADC10 -/-
ADC9 -/- ISRC
ADC8 -/- XTAL2
XTAL1 -/- CLKI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com