Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 93 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 93 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 89Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 90Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 91Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 92Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 93Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 94Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 95Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 96Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 97Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 282 page
background image
93
7728D–AVR–07/09
ATtiny87/ATtiny167
For detailed timing information refer to “Timer/Counter Timing Diagrams” on page 97.
10.7.1
Normal Mode
The simplest mode of operation is the Normal mode (WGM01:0 = 0). In this mode the counting
direction is always up (incrementing), and no counter clear is performed. The counter simply
overruns when it passes its maximum 8-bit value (TOP = 0xFF) and then restarts from the bot-
tom (0x00). In normal operation the Timer/Counter Overflow Flag (TOV0) will be set in the
same timer clock cycle as the TCNT0 becomes zero. The TOV0 flag in this case behaves like
a ninth bit, except that it is only set, not cleared. However, combined with the timer overflow
interrupt that automatically clears the TOV0 flag, the timer resolution can be increased by soft-
ware. There are no special cases to consider in the Normal mode, a new counter value can be
written anytime.
The Output Compare unit can be used to generate interrupts at some given time. Using the
Output Compare to generate waveforms in Normal mode is not recommended, since this will
occupy too much of the CPU time.
10.7.2
Clear Timer on Compare Match (CTC) Mode
In Clear Timer on Compare or CTC mode (WGM01:0 = 2), the OCR0A Register is used to
manipulate the counter resolution. In CTC mode the counter is cleared to zero when the coun-
ter value (TCNT0) matches the OCR0A. The OCR0A defines the top value for the counter,
hence also its resolution. This mode allows greater control of the compare match output fre-
quency. It also simplifies the operation of counting external events.
The timing diagram for the CTC mode is shown in Figure 10-5. The counter value (TCNT0)
increases until a compare match occurs between TCNT0 and OCR0A, and then counter
(TCNT0) is cleared.
Figure 10-5. CTC Mode, Timing Diagram
An interrupt can be generated each time the counter value reaches the TOP value by using
the OCF0A flag. If the interrupt is enabled, the interrupt handler routine can be used for updat-
ing the TOP value. However, changing the TOP to a value close to BOTTOM when the
counter is running with none or a low prescaler value must be done with care since the CTC
mode does not have the double buffering feature. If the new value written to OCR0A is lower
than the current value of TCNT0, the counter will miss the compare match. The counter will
then have to count to its maximum value (0xFF) and wrap around starting at 0x00 before the
compare match can occur.
TCNTn
OCnx
(Toggle)
OCnx Interrupt Flag Set
1
4
Period
2
3
(COMnx1:0 = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com