Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 30 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 26Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 27Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 28Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 29Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 30Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 31Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 32Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 33Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 282 page
background image
30
7728D–AVR–07/09
ATtiny87/ATtiny167
Figure 4-3.
Low-frequency Crystal Oscillator Connections
When this oscillator is selected, start-up times are determined by the SUT fuses or by CSUT
field as shown in Table 4-8.
Notes:
1. Flash Fuse bits.
2. CLKSELR register bits.
3. These options should only be used if frequency stability at start-up is not important for the
application.
4.2.6
External Clock
To drive the device from this external clock source, CLKI should be driven as shown in Figure
4-4. To run the device on an external clock, the CKSEL Fuses or CSEL field must be pro-
grammed as shown in Table 4-1 on page 25.
Figure 4-4.
External Clock Drive Configuration
When this clock source is selected, start-up times are determined by the SUT Fuses or CSUT
field as shown in Table 4-9.
This external clock can be used by the asynchronous timer if the high or low frequency Crystal
Oscillator is not running (See ”Enable/Disable Clock Source” on page 32.). The asynchronous
timer is then able to enable this input.
Table 4-8.
Start-up Times for the Low Frequency Crystal Oscillator Clock Selection
SUT1..0(1)
CSUT1..0(2)
Start-up Time from
Power-down/save
Additional Delay from
Reset (Vcc = 5.0V)
Recommended usage
00
1K (1024) CK(3)
4.1 ms
Fast rising power or BOD enabled
01
1K (1024) CK(3)
65 ms
Slowly rising power
10
32K (32768) CK
65 ms
Stable frequency at start-up
11
Reserved
XTAL2
XTAL1
GND
C1=12-22 pF
32.768 KHz
12-22 pF capacitors may be necessary if parasitic
impedance (pads, wires & PCB) is very low.
C2=12-22 pF
(XTAL2)
(CLKO)
CLKI
(XTAL1)
GND
~
External
Clock
Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com