Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 50 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 50 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 46Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 47Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 48Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 49Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 50Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 51Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 52Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 53Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 54Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 282 page
background image
50
7728D–AVR–07/09
ATtiny87/ATtiny167
Figure 6-1.
Reset Circuit
6.1.3
Power-on Reset
A Power-on Reset (POR) pulse is generated by an On-chip detection circuit. The detection
level is defined in Table 22-4 on page 246. The POR is activated whenever Vcc is below the
detection level. The POR circuit can be used to trigger the start-up Reset, as well as to detect
a failure in supply voltage.
A Power-on Reset (POR) circuit ensures that the device is reset from Power-on. Reaching the
Power-on Reset threshold voltage invokes the delay counter, which determines how long the
device is kept in RESET after Vcc rise. The RESET signal is activated again, without any
delay, when Vcc decreases below the detection level.
Figure 6-2.
MCU Start-up, RESET Tied to Vcc
MCU Status
Register (MCUSR)
Brown-out
Reset Circuit
BODLEVEL [2..0]
Delay Counters
CKSEL[3:0]
CK
TIMEOUT
DATA BUS
Clock
Generator
Spike
Filter
Pull-up Resistor
Watchdog
Oscillator
SUT[1:0]
Power-on Reset
Circuit
RSTDISBL
V
TIME-OUT
INTERNAL
RESET
tTOUT
VPOT
VPORMAX
VPORMIN
CC
VCCRR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com