Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 88 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 88 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 84Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 85Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 86Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 87Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 88Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 89Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 90Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 91Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 92Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 282 page
background image
88
7728D–AVR–07/09
ATtiny87/ATtiny167
Figure 10-1. 8-bit Timer/Counter0 Block Diagram
The Timer/Counter (TCNT0) and Output Compare Register (OCR0A) are 8-bit registers. Inter-
rupt request (shorten as Int.Req.) signals are all visible in the Timer Interrupt Flag Register
(TIFR0). All interrupts are individually masked with the Timer Interrupt Mask Register
(TIMSK0). TIFR0 and TIMSK0 are not shown in the figure.
The Timer/Counter can be clocked internally, via the prescaler, or asynchronously clocked
from the XTAL1/2 pins, as detailed later in this section. The asynchronous operation is con-
trolled by the Asynchronous Status Register (ASSR). The Clock Select logic block controls
which clock source the Timer/Counter uses to increment (or decrement) its value. The
Timer/Counter is inactive when no clock source is selected. The output from the Clock Select
logic is referred to as the timer clock (clk
T0).
The double buffered Output Compare Register (OCR0A) is compared with the Timer/Counter
value at all times. The result of the compare can be used by the Waveform Generator to gen-
erate a PWM or variable frequency output on the Output Compare pin (OC0A). See ”Output
Compare Unit” on page 90. for details. The compare match event will also set the compare
flag (OCF0A) which can be used to generate an Output Compare interrupt request.
Timer/Counter
=
TCNTn
Waveform
Generation
OCnx
= 0
Control Logic
= 0xFF
TOP
BOTTOM
count
clear
direction
TOVn
(Int.Req.)
OCnx
(Int.Req.)
Synchronization Unit
OCRnx
TCCRnx
ASSRn
Status flags
clk
I/O
clk
ASY
Synchronized Status flags
asynchronous mode
select (ASn)
XTAL2
Oscillator
XTAL1
Prescaler
clk
Tn
clk
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com