Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 81 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 81 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 77Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 78Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 79Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 80Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 81Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 82Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 83Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 84Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 85Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 282 page
background image
81
7728D–AVR–07/09
ATtiny87/ATtiny167
9.3.4
Alternate Functions of Port B
The Port B pins with alternate functions are shown in Table 9-6.
The alternate pin configuration is as follows:
• PCINT15/ADC10/OC1BX/RESET/dW – Port B, Bit 7
PCINT15: Pin Change Interrupt, source 15.
ADC10: Analog to Digital Converter, channel 10.
OC1BX: Output Compare and PWM Output B-X for Timer/Counter1. The PB7 pin has to be
configured as an output (DDB7 set (one)) to serve this function. The OC1BX pin is
also the output pin for the PWM mode timer function (c.f. OC1BX bit of TCCR1D regis-
ter).
Table 9-6.
Port B Pins Alternate Functions
Port Pin
Alternate Functions
PB7
PCINT15 (Pin Change Interrupt 15)
ADC10 (ADC Input Channel 10)
OC1BX (Output Compare and PWM Output B-X for Timer/Counter1)
RESET (Reset input pin)
dW (
debugWIRE I/O)
PB6
PCINT14 (Pin Change Interrupt 14)
ADC9 (ADC Input Channel 9)
OC1AX (Output Compare and PWM Output A-X for Timer/Counter1)
INT0 (External Interrupt0 Input)
PB5
PCINT13 (Pin Change Interrupt 13)
ADC8 (ADC Input Channel 8)
OC1BW (Output Compare and PWM Output B-W for Timer/Counter1)
XTAL2 (Chip clock Oscillator pin 2)
CLKO (System clock output)
PB4
PCINT12 (Pin Change Interrupt 12)
OC1AW (Output Compare and PWM Output A-W for Timer/Counter1)
XTAL1 (Chip clock Oscillator pin 1)
CLKI (External clock input)
PB3
PCINT11 (Pin Change Interrupt 11)
OC1BV (Output Compare and PWM Output B-V for Timer/Counter1)
PB2
PCINT10 (Pin Change Interrupt 10)
OC1AV (Output Compare and PWM Output A-V for Timer/Counter1)
USCK (Three-wire Mode USI Default Clock Input)
SCL (Two-wire Mode USI Default Clock Input)
PB1
PCINT9 (Pin Change Interrupt 9)
OC1BU (Output Compare and PWM Output B-U for Timer/Counter1)
DO (Three-wire Mode USI Default Data Output)
PB0
PCINT8 (Pin Change Interrupt 8)
OC1AU (Output Compare and PWM Output A-U for Timer/Counter1)
DI (Three-wire Mode USI Default Data Input)
SDA (Two-wire Mode USI Default Data Input / Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com