Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 100 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 100 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 96Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 97Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 98Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 99Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 100Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 101Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 102Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 103Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 104Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 282 page
background image
100
7728D–AVR–07/09
ATtiny87/ATtiny167
10.10 Timer/Counter0 Prescaler
Figure 10-12. Prescaler for Timer/Counter0
The clock source for Timer/Counter0 is named clk
T0S. clkT0S is by default connected to the
main system I/O clock clk
IO. By setting the AS0 bit in ASSR, Timer/Counter0 is asynchro-
nously clocked from the XTAL oscillator or XTAL1 pin. This enables use of Timer/Counter0 as
a Real Time Counter (RTC).
A crystal can then be connected between the XTAL1 and XTAL2 pins to serve as an indepen-
dent clock source for Timer/Counter0.
A external clock can also be used using XTAL1 as input. Setting AS0 and EXCLK enables this
configuration.
For Timer/Counter0, the possible prescaled selections are: clk
T0S/8, clkT0S/32, clkT0S/64,
clk
T0S/128, clkT0S/256, and clkT0S/1024. Additionally, clkT0S as well as 0 (stop) may be
selected. Setting the PSR0 bit in GTCCR resets the prescaler. This allows the user to operate
with a predictable prescaler.
10.11 8-bit Timer/Counter Register Description
• Timer/Counter0 Control Register A – TCCR0A
• Bit 7:6 – COM0A1:0: Compare Match Output Mode A
These bits control the Output Compare pin (OC0A) behavior. If one or both of the COM0A1:0
bits are set, the OC0A output overrides the normal port functionality of the I/O pin it is con-
nected to. However, note that the Data Direction Register (DDR) bit corresponding to OC0A
pin must be set in order to enable the output driver.
10-BIT T/C PRESCALER
TIMER/COUNTERn CLOCK SOURCE
clk
I/O
clk
TnS
ASn
CSn0
CSn1
CSn2
0
PSRn
Clear
clk
Tn
0
1
XTAL2
EXCLK
0
1
Oscillator
XTAL1
Bit
7
6
5
4
3
210
COM0A1
COM0A0
–
–
–
–
WGM01
WGM00
TCCR0A
Read/Write
R/W
R/W
R
R
R
R
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com