Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 104 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 104 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 100Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 101Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 102Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 103Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 104Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 105Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 106Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 107Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 108Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 282 page
background image
104
7728D–AVR–07/09
ATtiny87/ATtiny167
• Bit 5 – AS0: Asynchronous Timer/Counter0
When AS0 is written to zero, Timer/Counter0 is clocked from the I/O clock, clkI/O and the
Timer/Counter0 acts as a synchronous peripheral.
When AS0 is written to one, Timer/Counter0 is clocked from the low-frequency crystal oscilla-
tor (See ”Low-frequency Crystal Oscillator” on page 29.) or from external clock on XTAL1 pin
(See ”External Clock” on page 30.) depending on EXCLK setting. When the value of AS0 is
changed, the contents of TCNT0, OCR0A, and TCCR0A might be corrupted.
AS0 also acts as a flag: Timer/Counter0 is clocked from the low-frequency crystal or from
external clock ONLY IF the calibrated internal RC oscillator or the internal watchdog oscillator
is used to drive the system clock. After setting AS0, if the switching is available, AS0 remains
to 1, else it is forced to 0.
• Bit 4 – TCN0UB: Timer/Counter0 Update Busy
When Timer/Counter0 operates asynchronously and TCNT0 is written, this bit becomes set.
When TCNT0 has been updated from the temporary storage register, this bit is cleared by
hardware. A logical zero in this bit indicates that TCNT0 is ready to be updated with a new
value.
• Bit 3 – OCR0AUB: Output Compare 0 Register A Update Busy
When Timer/Counter0 operates asynchronously and OCR0A is written, this bit becomes set.
When OCR0A has been updated from the temporary storage register, this bit is cleared by
hardware. A logical zero in this bit indicates that OCR0A is ready to be updated with a new
value.
• Bit 2 – Res: Reserved Bit
This bit is reserved in the ATtiny87/167 and will always read as zero.
• Bit 1 – TCR0AUB: Timer/Counter0 Control Register A Update Busy
When Timer/Counter0 operates asynchronously and TCCR0A is written, this bit becomes set.
When TCCR0A has been updated from the temporary storage register, this bit is cleared by
hardware. A logical zero in this bit indicates that TCCR0A is ready to be updated with a new
value.
• Bit 0 – TCR0BUB: Timer/Counter0 Control Register B Update Busy
When Timer/Counter0 operates asynchronously and TCCR0B is written, this bit becomes set.
When TCCR0B has been updated from the temporary storage register, this bit is cleared by
hardware. A logical zero in this bit indicates that TCCR0B is ready to be updated with a new
value.
If a write is performed to any of the four Timer/Counter0 Registers while its update busy flag is
set, the updated value might get corrupted and cause an unintentional interrupt to occur.
The mechanisms for reading TCNT0, OCR0A, TCCR0A and TCCR0B are different. When
reading TCNT0, the actual timer value is read. When reading OCR0A, TCCR0A or TCCR0B
the value in the temporary storage register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com