Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 107 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 107 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 103Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 104Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 105Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 106Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 107Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 108Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 109Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 110Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 111Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 282 page
background image
107
7728D–AVR–07/09
ATtiny87/ATtiny167
11. Timer/Counter1 Prescaler
11.1
Overview
Most bit references in this section are written in general form. A lower case “n” replaces the
Timer/Counter number.
11.1.1
Internal Clock Source
The Timer/Counter can be clocked directly by the system clock (by setting the CSn2:0 = 1).
This provides the fastest operation, with a maximum Timer/Counter clock frequency equal to
system clock frequency (fCLK_I/O). Alternatively, one of four taps from the prescaler can be
used as a clock source. The prescaled clock has a frequency of either fCLK_I/O/8, fCLK_I/O/64,
fCLK_I/O/256, or fCLK_I/O/1024.
11.1.2
Prescaler Reset
The prescaler is free running, i.e., operates independently of the Clock Select logic of the
Timer/Counter. Since the prescaler is not affected by the Timer/Counter’s clock select, the
state of the prescaler will have implications for situations where a prescaled clock is used. One
example of prescaling artifacts occurs when the timer is enabled and clocked by the prescaler
(6 > CSn2:0 > 1). The number of system clock cycles from when the timer is enabled to the
first count occurs can be from 1 to N+1 system clock cycles, where N equals the prescaler
divisor (8, 64, 256, or 1024).
It is possible to use the prescaler reset for synchronizing the Timer/Counter to program execu-
tion. However, care must be taken if the other Timer/Counter that shares the same prescaler
also uses prescaling. A prescaler reset will affect the prescaler period for all Timer/Counters it
is connected to.
11.1.3
External Clock Source
An external clock source applied to the T1 pin can be used as Timer/Counter clock (clkT1).
The T1 pin is sampled once every system clock cycle by the pin synchronization logic. The
synchronized (sampled) signal is then passed through the edge detector. Figure 11-1 shows a
functional equivalent block diagram of the T1 synchronization and edge detector logic. The
registers are clocked at the positive edge of the internal system clock (clk
I/O). The latch is
transparent in the high period of the internal system clock.
The edge detector generates one clkT1 pulse for each positive (CSn2:0 = 7) or negative
(CSn2:0 = 6) edge it detects.
Figure 11-1. T1 Pin Sampling
Tn_sync
(To Clock
Select Logic)
Edge Detector
Synchronization
DQ
DQ
LE
DQ
Tn
clk
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com