Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 120 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 120 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 116Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 117Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 118Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 119Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 120Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 121Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 122Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 123Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 124Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 282 page
background image
120
7728D–AVR–07/09
ATtiny87/ATtiny167
The OCR1A/B Register access may seem complex, but this is not case. When the double
buffering is enabled, the CPU has access to the OCR1A/B Buffer Register, and if double buff-
ering is disabled the CPU will access the OCR1A/B directly. The content of the OCR1A/B
(Buffer or Compare) Register is only changed by a write operation (the Timer/Counter does
not update this register automatically as the TCNT1 and ICR1 Register). Therefore OCR1A/B
is not read via the high byte temporary register (TEMP). However, it is a good practice to read
the low byte first as when accessing other 16-bit registers. Writing the OCR1A/B Registers
must be done via the TEMP Register since the compare of all 16 bits is done continuously.
The high byte (OCR1A/BH) has to be written first. When the high byte I/O location is written by
the CPU, the TEMP Register will be updated by the value written. Then when the low byte
(OCR1A/BL) is written to the lower eight bits, the high byte will be copied into the upper 8-bits
of either the OCR1A/B buffer or OCR1A/B Compare Register in the same system clock cycle.
For more information of how to access the 16-bit registers refer to “Accessing 16-bit Registers”
on page 112.
12.7.1
Force Output Compare
In non-PWM Waveform Generation modes, the match output of the comparator can be forced
by writing a one to the Force Output Compare (FOC1A/B) bit. Forcing compare match will not
set the OCF1A/B flag or reload/clear the timer, but the OC1A/Bi pins will be updated as if a
real compare match had occurred (the COM1A/B1:0 bits settings define whether the OC1A/Bi
pins are set, cleared or toggled - if the respective OCnxi bit is set).
12.7.2
Compare Match Blocking by TCNT1 Write
All CPU writes to the TCNT1 Register will block any compare match that occurs in the next
timer clock cycle, even when the timer is stopped. This feature allows OCR1A/B to be initial-
ized to the same value as TCNT1 without triggering an interrupt when the Timer/Counter clock
is enabled.
12.7.3
Using the Output Compare Unit
Since writing TCNT1 in any mode of operation will block all compare matches for one timer
clock cycle, there are risks involved when changing TCNT1 when using any of the Output
Compare channels, independent of whether the Timer/Counter is running or not. If the value
written to TCNT1 equals the OCR1A/B value, the compare match will be missed, resulting in
incorrect waveform generation. Do not write the TCNT1 equal to TOP in PWM modes with
variable TOP values. The compare match for the TOP will be ignored and the counter will con-
tinue to 0xFFFF. Similarly, do not write the TCNT1 value equal to BOTTOM when the counter
is downcounting.
The setup of the OC1A/B should be performed before setting the Data Direction Register for
the port pin to output. The easiest way of setting the OC1A/B value is to use the Force Output
Compare (FOC1A/B) strobe bits in Normal mode. The OC1A/B Register keeps its value even
when changing between Waveform Generation modes.
Be aware that the COM1A/B1:0 bits are not double buffered together with the compare value.
Changing the COM1A/B1:0 bits will take effect immediately.
12.8
Compare Match Output Unit
The Compare Output mode (COM1A/B1:0) bits have two functions. The Waveform Generator
uses the COM1A/B1:0 bits for defining the Output Compare (OC1A/B) state at the next com-
pare match. Secondly the COM1A/B1:0 and OCnxi bits control the OC1A/Bi pin output source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com