Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 128 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 128 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 124Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 125Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 126Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 127Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 128Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 129Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 130Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 131Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 132Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 282 page
background image
128
7728D–AVR–07/09
ATtiny87/ATtiny167
It is recommended to use the phase and frequency correct mode instead of the phase correct
mode when changing the TOP value while the Timer/Counter is running. When using a static
TOP value there are practically no differences between the two modes of operation.
In phase correct PWM mode, the compare units allow generation of PWM waveforms on the
OC1A/B pins. Setting the COM1A/B1:0 bits to two will produce a non-inverted PWM and an
inverted PWM output can be generated by setting the COM1A/B1:0 to three (See Table on
page 133). The actual OC1A/B value will only be visible on the port pin if the data direction for
the port pin is set as output (DDR_OC1A/B) and OC1A/Bi is set. The PWM waveform is gener-
ated by setting (or clearing) the OC1A/B Register at the compare match between OCR1A/B
and TCNT1 when the counter increments, and clearing (or setting) the OC1A/B Register at
compare match between OCR1A/B and TCNT1 when the counter decrements. The PWM fre-
quency for the output when using phase correct PWM can be calculated by the following
equation:
The N variable represents the prescaler divider (1, 8, 64, 256, or 1024).
The extreme values for the OCR1A/B Register represent special cases when generating a
PWM waveform output in the phase correct PWM mode. If the OCR1A/B is set equal to BOT-
TOM the output will be continuously low and if set equal to TOP the output will be continuously
high for non-inverted PWM mode. For inverted PWM the output will have the opposite logic
values.
12.9.5
Phase and Frequency Correct PWM Mode
The phase and frequency correct Pulse Width Modulation, or phase and frequency correct
PWM mode (WGM13:0 = 8 or 9) provides a high resolution phase and frequency correct PWM
waveform generation option. The phase and frequency correct PWM mode is, like the phase
correct PWM mode, based on a dual-slope operation. The counter counts repeatedly from
BOTTOM (0x0000) to TOP and then from TOP to BOTTOM. In non-inverting Compare Output
mode, the Output Compare (OC1A/B) is cleared on the compare match between TCNT1 and
OCR1A/B while upcounting, and set on the compare match while downcounting. In inverting
Compare Output mode, the operation is inverted. The dual-slope operation gives a lower max-
imum operation frequency compared to the single-slope operation. However, due to the
symmetric feature of the dual-slope PWM modes, these modes are preferred for motor control
applications.
The main difference between the phase correct, and the phase and frequency correct PWM
mode is the time the OCR1A/B Register is updated by the OCR1A/B Buffer Register, (see Fig-
ure 12-9 and Figure 12-10).
The PWM resolution for the phase and frequency correct PWM mode can be defined by either
ICR1 or OCR1A. The minimum resolution allowed is 2-bit (ICR1 or OCR1A set to 0x0003),
and the maximum resolution is 16-bit (ICR1 or OCR1A set to MAX). The PWM resolution in
bits can be calculated using the following equation:
fOCnxPCPWM
f
clk_I/O
2
NTOP
⋅⋅
---------------------------------
=
RPFCPWM
TOP 1
+
()
log
2
()
log
-----------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com