Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 167 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 167 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 163Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 164Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 165Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 166Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 167Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 168Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 169Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 170Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 171Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 282 page
background image
167
7728D–AVR–07/09
ATtiny87/ATtiny167
15.4.5
Enable / Disable
Setting the LENA bit in LINCR register enables the LIN/UART controller. To disable the
LIN/UART controller, LENA bit must be written to 0. No wait states are implemented, so, the
disable command is taken into account immediately.
15.4.6
LIN Commands
Clearing the LCMD[2] bit in LINCR register enables LIN commands.
As shown in Table 15-1 on page 167, four functions controlled by the LCMD[1..0] bits of
LINCR register are available (c.f. Figure 15-5 on page 166).
15.4.6.1
Rx Header / LIN Abort Function
This function (or state) is mainly the withdrawal mode of the controller.
When the controller has to execute a master task, this state is the start point before enabling a
Tx Header command.
When the controller has only to execute slave tasks, LIN header detection/acquisition is
enabled as background function. At the end of such an acquisition (Rx Header function), auto-
matically the appropriate flags are set, and in LIN 1.3, the LINDLR register is set with the
uncoded length value.
This state is also the start point before enabling the Tx or the Rx Response command.
A running function (i.e. Tx Header, Tx or Rx Response ) can be aborted by clearing
LCMD[1..0] bits in LINCR register (See ”Break-in-data” on page 177.). In this case, an abort
flag - LABORT - in LINERR register will be set to inform the other software tasks. No wait
states are implemented, so, the abort command is taken into account immediately.
Rx Header function is responsible for:
• The BREAK field detection,
• The hardware re-synchronization analyzing the SYNCH field,
• The reception of the PROTECTED IDENTIFIER field, the parity control and the update of
the LINDLR register in case of LIN 1.3,
• The starting of the Frame_Time_Out,
• The checking of the LIN communication integrity.
Table 15-1.
LIN/UART Command List
LENA
LCMD[2]
LCMD[1]
LCMD[0]
Command
Comment
0
x
x
x
Disable peripheral
1
0
0
0
Rx Header - LIN Abort
LIN Withdrawal
1
Tx Header
LCMD[2..0]=000 after Tx
1
0
Rx Response
LCMD[2..0]=000 after Rx
1
Tx Response
LCMD[2..0]=000 after Tx
1
0
0
Byte transfer
no CRC, no Time out
LTXDL=LRXDL=0
(LINDLR: read only register)
10
Rx Byte
0
1
Tx Byte
1
1
Full duplex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com