Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 205 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 205 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 201Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 202Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 203Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 204Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 205Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 206Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 207Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 208Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 209Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 282 page
background image
205
7728D–AVR–07/09
ATtiny87/ATtiny167
17.11 Register Description
17.11.1
ADMUX – ADC Multiplexer Selection Register
• Bit 7:6 – REFS1:REFS0: Voltage Reference Selection Bits
These bits and AREFEN bit from the Analog Miscellaneous Control Register (AMISCR) select
the voltage reference for the ADC, as shown in Table 17-4. If these bits are changed during a
conversion, the change will not go in effect until this conversion is complete (ADIF in ADCSRA
register is set). Whenever these bits are changed, the next conversion will take 25 ADC clock
cycles. If active channels are used, using AVCC or an external AREF higher than (AVcc - 1V)
is not recommended, as this will affect ADC accuracy. The internal voltage reference options
may not be used if an external voltage is being applied to the AREF pin.
• Bit 5 – ADLAR: ADC Left Adjust Result
The ADLAR bit affects the presentation of the ADC conversion result in the ADC Data Regis-
ter. Write one to ADLAR to left adjust the result. Otherwise, the result is right adjusted.
Changing the ADLAR bit will affect the ADC Data Register immediately, regardless of any
ongoing conversions. For a complete description of this bit, see “ADCL and ADCH – The ADC
Data Register” on page 208.
• Bits 4:0 – MUX4:0: Analog Channel and Gain Selection Bits
These bits select which combination of analog inputs are connected to the ADC. In case of dif-
ferential input, gain selection is also made with these bits. Refer to Table 17-5 for details. If
these bits are changed during a conversion, the change will not go into effect until this
conversion is complete (ADIF in ADCSRA register is set).
Bit
7
6543210
REFS1
REFS0
ADLAR
MUX4
MUX3
MUX2
MUX1
MUX0
ADMUX
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0000000
Table 17-4.
Voltage Reference Selections for ADC
REFS1
REFS0
AREFEN Voltage Reference (VREF) Selection
X
0
0
AVcc used as Voltage Reference, diconnected from AREF pin.
X
0
1
External Voltage Reference at AREF pin (AREF
≥ 2.0V)
0
1
0
Internal 1.1V Voltage Reference .
1
1
0
Internal 2.56V Voltage Reference .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com