Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 278 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 278 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 274Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 275Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 276Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 277Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 278Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 279Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 280Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 281Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 282Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 278 / 282 page
background image
278
7728D–AVR–07/09
ATtiny87/ATtiny167
29. Errata
29.1
Errata Summary
29.1.1
ATtiny87/167 RevB (Date code >1208)
• Gain control of the crystal oscillator.
•‘Disable Clock Source’ command remains enabled.
29.1.2
ATtiny167 RevA (Date code >1207)
• CRC calculation of diagnostic frames in LIN 2.x.
• Gain control of the crystal oscillator.
•‘Disable Clock Source’ command remains enabled.
• Comparison between ADC inputs and voltage references.
• Register bits of DIDR1.
29.2
Errata Description
1.
CRC calculation of diagnostic frames in LIN 2.x.
Diagnostic frames of LIN 2.x use “classic checksum” calculation. Unfortunately, the setting
of the checksum model is enabled when the HEADER is transmitted/received. Usually, in
LIN 2.x the LIN/UART controller is initialized to process “enhanced checksums” and a
slave task does not know what kind of frame it will work on before checking the ID.
Problem fix / workaround.
This workaround is to be implemented only in case of transmission/reception of diagnostic
frames.
a.
Slave task of master node:
Before enabling the HEADER, the master must set the appropriate LIN13 bit value in
LINCR register.
b.
For slaves nodes, the workaround is in 2 parts:
– Before enabling the RESPONSE, use the following function:
void lin_wa_head(void) {
unsigned char temp;
temp = LINBTR;
LINCR = 0x00;
// It is not a RESET !
LINBTR = (1<<LDISR)|temp;
LINCR
= (1<<LIN13)|(1<<LENA)|(0<<LCMD2)|(0<<LCMD1)|(0<<LCMD0);
LINDLR = 0x88;
// If it isn't already done
}
– Once the RESPONSE is received or sent (having RxOK or TxOK as well as
LERR), use the following function:
void lin_wa_tail(void)
{
LINCR = 0x00;
// It is not a RESET !
LINBTR = 0x00;
LINCR
= (0<<LIN13)|(1<<LENA)|(0<<LCMD2)|(0<<LCMD1)|(0<<LCMD0);
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com