Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261A Datasheet(PDF) 168 Page - ATMEL Corporation

Part # ATtiny261A
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261A Datasheet(HTML) 168 Page - ATMEL Corporation

Back Button ATtiny261A Datasheet HTML 164Page - ATMEL Corporation ATtiny261A Datasheet HTML 165Page - ATMEL Corporation ATtiny261A Datasheet HTML 166Page - ATMEL Corporation ATtiny261A Datasheet HTML 167Page - ATMEL Corporation ATtiny261A Datasheet HTML 168Page - ATMEL Corporation ATtiny261A Datasheet HTML 169Page - ATMEL Corporation ATtiny261A Datasheet HTML 170Page - ATMEL Corporation ATtiny261A Datasheet HTML 171Page - ATMEL Corporation ATtiny261A Datasheet HTML 172Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 292 page
background image
168
8197A–AVR–10/09
ATtiny261A/461A/861A
18.2 Fuse Bytes
The device has three fuse bytes. Table 18-3, Table 18-4 and Table 18-5 describe briefly the
functionality of all the fuses and how they are mapped into the fuse bytes. Note that the fuses
are read as logical zero, “0”, if they are programmed.
Notes: 1. Enables SPM instruction. See “Self-Programming the Flash” on page 162.
Notes: 1. See “Alternate Functions of Port B” on page 64 for description of RSTDISBL and DWEN
Fuses. After programming the RSTDISBL fuse, parallel programming must be used to change
fuses and allow further programming.
2. DWEN must be unprogrammed when Lock Bit security is required. See “Program And Data
Memory Lock Bits” on page 167.
3. The SPIEN Fuse is not accessible in SPI programming mode.
4. Programming this fues will disable the Watchdog Timer Interrupt. See “WDTCR – Watchdog
Timer Control Register” on page 45 for details.
5. See Table 19-6 on page 187 for BODLEVEL Fuse decoding.
Table 18-3.
Fuse Extended Byte
Fuse High Byte
Bit No
Description
Default Value
7
-
1 (unprogrammed)
6
-
1 (unprogrammed)
5
-
1 (unprogrammed)
4
-
1 (unprogrammed)
3
-
1 (unprogrammed)
2
-
1 (unprogrammed)
1
-
1 (unprogrammed)
SELFPRGEN (1)
0
Self-Programming Enable
1 (unprogrammed)
Table 18-4.
Fuse High Byte
Fuse High Byte
Bit No
Description
Default Value
RSTDISBL (1)
7
External Reset disable
1 (unprogrammed)
DWEN (2)
6
DebugWIRE Enable
1 (unprogrammed)
SPIEN (3))
6
Enable Serial Program and Data
Downloading
0 (programmed, SPI prog.
enabled)
WDTON (4)
4
Watchdog Timer always on
1 (unprogrammed)
EESAVE
3
EEPROM memory is preserved
through the Chip Erase
1 (unprogrammed, EEPROM
not preserved)
BODLEVEL2 (5)
2
Brown-out Detector trigger level
1 (unprogrammed)
BODLEVEL1 (5)
1
Brown-out Detector trigger level
1 (unprogrammed)
BODLEVEL0 (5)
0
Brown-out Detector trigger level
1 (unprogrammed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com