Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261A Datasheet(PDF) 169 Page - ATMEL Corporation

Part # ATtiny261A
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261A Datasheet(HTML) 169 Page - ATMEL Corporation

Back Button ATtiny261A Datasheet HTML 165Page - ATMEL Corporation ATtiny261A Datasheet HTML 166Page - ATMEL Corporation ATtiny261A Datasheet HTML 167Page - ATMEL Corporation ATtiny261A Datasheet HTML 168Page - ATMEL Corporation ATtiny261A Datasheet HTML 169Page - ATMEL Corporation ATtiny261A Datasheet HTML 170Page - ATMEL Corporation ATtiny261A Datasheet HTML 171Page - ATMEL Corporation ATtiny261A Datasheet HTML 172Page - ATMEL Corporation ATtiny261A Datasheet HTML 173Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 292 page
background image
169
8197A–AVR–10/09
ATtiny261A/461A/861A
Notes: 1. See “System Clock Prescaler” on page 31 for details.
2. Allows system clock to be output on pin. See “Clock Output Buffer” on page 32 for details.
3. The default value results in maximum start-up time for the default clock source. See Table 6-7
on page 28 for details.
4. The default setting results in internal oscillator @ 8.0 MHz. See Table 6-6 on page 28 for
details.
Note that fuse bits are locked if Lock Bit 1 (LB1) is programmed. Fuse bits should be pro-
grammed before lock bits. The status of fuse bits is not affected by chip erase.
Fuse bits can also be read by device firmware. See section “Reading Fuse and Lock Bits from
Software” on page 164.
18.2.1
Latching of Fuses
Fuse values are latched when the device enters programming mode and changes to fuse values
have no effect until the part leaves programming mode. This does not apply to the EESAVE
Fuse which will take effect once it is programmed. Fuses are also latched on power-up.
18.3 Signature Bytes
All Atmel microcontrollers have a three-byte signature code which identifies the device. This
code can be read in both serial and High-voltage Programming mode, also when the device is
locked. The three bytes reside in a separate address space. The signature bytes are given in
Table 18-6.
18.4 Calibration Byte
The signature area has one byte of calibration data for the internal oscillator. This byte resides in
the high byte of address 0x000. During reset, this byte is automatically written into the OSCCAL
Register to ensure correct frequency of the calibrated oscillator.
Table 18-5.
Fuse Low Byte
Fuse Low Byte
Bit No
Description
Default Value
CKDIV8 (1)
7
Divide clock by 8
0 (programmed)
CKOUT (2)
6
Clock Output Enable
1 (unprogrammed)
SUT1
5
Select start-up time
1 (unprogrammed) (3)
SUT0
4
Select start-up time
0 (programmed) (3)
CKSEL3
3
Select Clock source
0 (programmed) (4)
CKSEL2
2
Select Clock source
0 (programmed) (4)
CKSEL1
1
Select Clock source
1 (unprogrammed) (4)
CKSEL0
0
Select Clock source
0 (programmed) (4)
Table 18-6.
Device ID
Parts
Signature Bytes Address
0x000
0x001
0x002
ATtiny261A
0x1E
0x91
0x0C
ATtiny461A
0x1E
0x92
0x08
ATtiny861A
0x1E
0x93
0x0D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com