Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9972ACCS Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9972ACCS
Description  Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9972ACCS Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9972ACCS Datasheet HTML 4Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 5Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 6Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 7Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 8Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 9Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 10Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 11Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Quad, Ultra-Low-Power, 300Mbps ATE
Drivers/Comparators
8
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +8V, VSS = -5V, VL = +3V, VCOMPHI = +1V, VCOMPLO = 0V, VLDV_ = 0V, LOAD EN LOW = LOAD EN HIGH = 0, TJ = +75°C.
All temperature coefficients measured at TJ = +50°C to +100°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
Positive Supply Voltage
VDD
(Note 23)
7.6
8
8.4
V
Negative Supply Voltage
VSS
(Note 23)
-5.25
-5
-4.75
V
Logic Supply Voltage
VL
2.3
3.6
V
Positive Supply Current
IDD
fOUT = 0MHz
97
120
mA
Negative Supply Current
ISS
fOUT = 0MHz
99
120
mA
Logic Supply Current
IL
0.15
0.30
mA
Static Power Dissipation
fOUT = 0MHz
1.3
1.5
W
Operating Power Dissipation
fOUT = 100Mbps (Note 24)
1.4
W
Note 1:
All minimum and maximum specifications are 100% production tested except driver dynamic output current, which is
guaranteed by design. All specifications are with DUT_ and PMU_ electrically isolated, unless otherwise noted.
Note 2:
Nominal target value is 49.5Ω. Contact factory for alternate trim selections within the 45Ω to 55Ω range.
Note 3:
Measured at 1.5V, relative to a straight line through 0 and 3V.
Note 4:
Measured at end points, relative to a straight line through 0 and 3V.
Note 5:
DUT_ is terminated with 50Ω to ground, VDHV_ = 3V, VDLV_ = 0, VDTV_ = 1.5V, unless otherwise specified. DATA_ and
RCV_ logic levels are VHIGH = 2V, VLOW = 1V.
Note 6:
Undershoot is any reflection of the signal back towards its starting voltage after it has reached 90% of its swing. Preshoot
is any aberration in the signal before it reaches 10% of its swing.
Note 7:
At the minimum voltage swing, undershoot is less than 20%. DHV_ and DLV_ references are adjusted to result in the
specified swing.
Note 8:
At this pulse width, the output reaches at least 90% of its nominal (DC) amplitude. The pulse width is measured at DATA_.
Note 9:
With the exception of offset and gain/CMRR tests, reference input values are calibrated for offset and gain.
Note 10: Relative to a straight line through 0 and 3V.
Note 11: Unless otherwise noted, all propagation delays are measured at 40MHz, VDUT_ = 0 to 1V, VCHV_ = VCLV_ = +0.5V, tR = tF
= 500ps, ZS = 50Ω, driver in term mode with VDTV_ = +0.5V. Comparator outputs are terminated with 50Ω to GND.
Measured from VDUT_ crossing calibrated CHV_/CLV_ threshold to midpoint of nominal comparator output swing.
Note 12: Terminated is defined as driver in drive mode and set to zero volts.
Note 13: High impedance is defined as driver in high-impedance mode.
Note 14: VDUT_ = 200mVP-P. Propagation delay is compared to a reference time at 1.5V.
Note 15: The comparator meets all its timing specifications with the specified output conditions when the output current is less than
15mA, VCOMPHI > VCOMPLO, and VCOMPHI - VCOMPLO ≤ 1V. Higher voltage swings are valid but AC performance may
degrade.
Note 16: LOAD EN LOW = LOAD EN HIGH = 1.
Note 17: Waveform settles to within 5% of final value into load 100kΩ.
Note 18: IPMU_ = ±2mA at VFORCE_ = -2.2V, +1.5V, and +5.2V. Percent variation relative to value calculated at VFORCE_ = +1.5V.
Note 19: Time to return to the specified maximum leakage after a 3V, 4V/ns step at DUT_.
Note 20: Load at end of 2ns transmission line; for stability only, AC performance may be degraded.
Note 21: The driver meets all of its timing specifications over the specified digital input voltage range.
Note 22: Timing characteristics with VLOGIC = 3V.
Note 23: Specifications are simulated and characterized over the full power-supply range. Production tests are performed with
power supplies at typical values.
Note 24: All channels driven at 3VP-P, load = 2ns, 50Ω transmission line terminated with 3pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com