Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9972ACCS Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX9972ACCS
Description  Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9972ACCS Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX9972ACCS Datasheet HTML 6Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 7Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 8Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 9Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 10Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 11Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 12Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 13Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Quad, Ultra-Low-Power, 300Mbps ATE
Drivers/Comparators
10
______________________________________________________________________________________
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
DRIVER TIME DELAY
vs. COMMON-MODE VOLTAGE
NORMALIZED AT VCM = 1.5V
FALLING EDGE
RISING EDGE
COMMON-MODE VOLTAGE (V)
2.5
2.0
1.5
1.0
0.5
-40
-20
0
20
40
60
80
-60
0
3.0
t = 2ns/div
0
DRIVE-TO-TERM
TRANSITION
RL = 50
Ω
DHV_ TO DTV_
DLV_ TO DTV_
t = 2ns/div
0
DRIVE-TO-HIGH-IMPEDANCE
TRANSITION
RL = 50
Ω
DHV_ TO HIGH IMPEDANCE
DLV_ TO HIGH IMPEDANCE
-2.5
-1.5
-2.0
-0.5
-1.0
0.5
0
1.0
2.0
1.5
2.5
DRIVER LINEARITY ERROR
vs. OUTPUT VOLTAGE
DUT_ = DHV_
VDLV_ = 1.5V
VDTV_ = 1.5V
VDUT_ (V)
1.5
0.5
-0.5
4.5
3.5
2.5
-1.5
-2.5
5.5
DRIVER LINEARITY ERROR
vs. OUTPUT VOLTAGE
DUT_ = DLV_
VDHV_ = 1.5V
VDTV_ = 1.5V
VDUT_ (V)
1.5
0.5
-0.5
4.5
3.5
2.5
-1.5
-1.0
-1.5
-2.0
-0.5
0
0.5
1.0
1.5
2.0
2.5
-2.5
-2.5
5.5
-2.5
-1.5
-2.0
-0.5
-1.0
0.5
0
1.0
2.0
1.5
2.5
DRIVER LINEARITY ERROR
vs. OUTPUT VOLTAGE
DUT_ = DHV_
VDLV_ = 1.5V
VDHV_ = 1.5V
VDUT_ (V)
1.5
0.5
-0.5
4.5
3.5
2.5
-1.5
-2.5
5.5
CROSSTALK, DUT_ DRIVEN BY
DHV_ WITH DLV_ VARIED
VDLV_ (V)
1.5
0.5
-0.5
4.5
3.5
2.5
-1.5
-2.5
5.5
VDHV_ = 3V
VDTV_ = 1.5V
NORMALIZED AT VDLV_ = 0
-20
-40
-60
-80
0
20
40
60
80
-100
100
CROSSTALK, DUT_ DRIVEN BY
DHV_ WITH DTV_ VARIED
VDTV_ (V)
1.5
0.5
-0.5
4.5
3.5
2.5
-1.5
-2.5
5.5
-20
-40
-60
-80
0
20
40
60
80
-100
100
VDHV_ = 3V
VDLV_ = 0
NORMALIZED AT VDTV_ = 1.5V
CROSSTALK, DUT_ DRIVEN BY
DLV_ WITH DHV_ VARIED
VDHV_ (V)
1.5
0.5
-0.5
4.5
3.5
2.5
-1.5
-2.5
5.5
-20
-40
-60
-80
0
20
40
60
80
-100
100
VDTV_ = 1.5V
VDLV_ = 0
NORMALIZED AT VDHV_ = 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com