Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9972ACCS Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX9972ACCS
Description  Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9972ACCS Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX9972ACCS Datasheet HTML 11Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 12Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 13Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 14Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 15Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 16Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 17Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 18Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Quad, Ultra-Low-Power, 300Mbps ATE
Drivers/Comparators
______________________________________________________________________________________
15
Pin Description (continued)
PIN
NAME
FUNCTION
39
SENSE3
Channel 3 PMU Sense Connection
40
FORCE3
Channel 3 PMU Force Connection
41
TEMP
Temperature Sensor Output
42, 47, 52,
56, 60
VDD
Positive Power-Supply Input
43
DUT4
Channel 4 Device-Under-Test Connection. Driver, comparator, and load I/O node for channel 4.
44
PMU4
Channel 4 Parametric Measurement Connection. PMU switch I/O node for channel 4.
45, 50, 53,
57
VSS
Negative Power-Supply Input
46
VL
Logic Power-Supply Input
48
DUT3
Channel 3 Device-Under-Test Connection. Driver, comparator, and load I/O node for channel 3.
49
PMU3
Channel 3 Parametric Measurement Connection. PMU switch I/O node for channel 3.
54
PMU2
Channel 2 Parametric Measurement Connection. PMU switch I/O node for channel 2.
55
DUT2
Channel 2 Device-Under-Test Connection. Driver, comparator, and load I/O node for channel 2.
58
PMU1
Channel 1 Parametric Measurement Connection. PMU switch I/O node for channel 1.
59
DUT1
Channel 1 Device-Under-Test Connection. Driver, comparator, and load I/O node for channel 1.
61
FORCE2
Channel 2 PMU Force Connection
62
SENSE2
Channel 2 PMU Sense Connection
63
FORCE1
Channel 1 PMU Force Connection
64
SENSE1
Channel 1 PMU Sense Connection
65
COMPLO
Comparator Output-Low Voltage Reference Input
66
COMPHI
Comparator Output-High Voltage Reference Input
67
LDV4
Channel 4 Load Voltage Input
68
LDV3
Channel 3 Load Voltage Input
69
LDV2
Channel 2 Load Voltage Input
70
LDV1
Channel 1 Load Voltage Input
71
CLV2
Channel 2 Threshold Voltage Input for Low-Side Comparator
72
CHV2
Channel 2 Threshold Voltage Input for High-Side Comparator
73
DTV2
Channel 2 Driver Termination Voltage Input
74
DLV2
Channel 2 Driver Low Voltage Input
75
DHV2
Channel 2 Driver High Voltage Input
76
CLV1
Channel 1 Threshold Voltage Input for Low-Side Comparator
77
CHV1
Channel 1 Threshold Voltage Input for High-Side Comparator
78
DTV1
Channel 1 Driver Termination Voltage Input
79
DLV1
Channel 1 Driver Low Voltage Input
80
DHV1
Channel 1 Driver High Voltage Input
—
EP
Exposed Pad. Leave unconnected or connect to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com